Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 92Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 93Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 94Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 95Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 96Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 97Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 98Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 99Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
94
Type:
This 2-bit field denotes the type of MAC address (and hence the disposition
of the Ethernet frame directed towards the MAC address). It is interpreted as
follows:
Type
Interpretation
00
Invalid for hash buckets, reserved for forwarding tags
01
Unicast MAC address reachable via a local MAC channel
10
Invalid for hash buckets, reserved for forwarding tags
11
Broadcast MAC address reachable via a local MAC channel
The Type field is only valid if the Special bit is clear, indicating that the frame
can be treated as a normal Ethernet frame. The Type field of the hash bucket
corresponding to the destination MAC address is generally used to set up the
Type subfield of the Flags field of the data descriptor (and thus to switch the
frame).
The AgeControl field holds a 32-bit timestamp which records the absolute time a frame
was last received from the source host with a MAC address corresponding to this hash
bucket. The timestamp has a resolution of 1 microsecond and a range of approximately
1.12 hours. It is used during the aging process to locate hash buckets that have not
been refreshed for some time, and are thus candidates for removal. The Switch
Processor updates the AgeControl field with the contents of its built-in CLOCK real-time
clock register whenever it receives a valid Ethernet frame, and the hash lookup engine
resolves the source MAC address in the frame to the given hash bucket.
The CreateTime field is similar to the AgeControl field, but holds the time of creation for
this hash bucket for RMON and SNMP counter purposes.
The remainder of the local port descriptor holds per-MAC counters that are maintained
and updated by the switching firmware in order to support the RMON MIB statistics. A
total of seven 32-bit counters are implemented. Note that the RXErrorFrames counter is
only updated if sufficient bytes of the frame are received to permit the hash lookup
engine to successfully resolve the source hash bucket.
The Switch Processor does not cache any hash bucket at any time in its internal data
cache. It is therefore possible to read the contents of any hash bucket via the PCI bus
interface without data consistency issues.
Forwarding Tags
A 16-byte forwarding tag (occupying the first 16 bytes of a 64-byte memory block, with
the remaining 48 bytes being unused) is created whenever it is necessary to record that
a particular MAC address is reachable by an external device (such as another ELAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com