Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 73Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 74Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 75Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 76Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 77Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 78Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 79Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 80Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
75
shuffling the bits in order to compact the 24-bit offset into a 16-bit quantity. The
resulting format is as follows:
15
6
5
0
HBOff (bits 15:6)
HBOff (bits 21:16)
HBOff:
24-bit offset of hash bucket or forwarding tag found during search of address
table for given MAC address.
The compaction of the 24-bit offset into 16 bits takes advantage of the fact that all hash
buckets (and consequently forwarding tags) are expected to be aligned on 64-byte
boundaries, and hence the lower 6 bits of the offset will always be zero; also, the hash
bucket array cannot span memory banks, and hence the uppermost 2 bits of the offset
will also be zero. The bit field shuffling is done to minimize the computational
requirements of the index generation. When the switching firmware removes the data
descriptor from the work queue, it will immediately convert the encoded hash bucket
indices into their 24-bit absolute address equivalents (assuming that the SMiss and/or
DMiss bits are not set) and thereafter use only the 24-bit addresses, discarding the
encoded forms.
As previously noted, the above data descriptor format is only used internally during a
normally invisible portion of the firmware processing cycle; hence it is irrelevant to all
but the most specialized applications.
Data descriptors are never cached by the Switch Processor, and hence the contents of
any data descriptor that is not actually being processed by the Switch Processor may
be read at any time via the PCI expansion port. The Switch Processor is usually the
only entity that allocates, creates, manipulates and de-allocates data descriptors. (An
exception is during frame transfer across the PCI bus: in this case, the DMA hardware
is responsible for copying the contents of remote data descriptors to local memory.)
Local Port Descriptor Tables
A set of data structures, collectively referred to as the
Local Port Descriptor Table, is
associated with the eight MAC interfaces within the ELAN 8x10. The local port
descriptor table contains three types of structures: a local port descriptor, which
contains various control/status and packet statistics fields, and is updated whenever a
packet is received or transmitted by that MAC interface; a chain of data descriptors
(attached to the local port descriptor), referred to as the
transmit queue, that holds
Ethernet frames waiting to be transmitted out the MAC interface; and a set of packet
error statistics fields, known as the
port descriptor error counters, which tracks various
error counts that are updated on an infrequent basis during normal operation. A
separate copy of these three data structures is maintained for each of the eight MAC
channel ports that are implemented by the ELAN 8x10. All of these data structures are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com