Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 49Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 50Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 51Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 52Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 53Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 54Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 55Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 56Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
51
The PCI slave interface logic within the expansion port block responds to transfer
requests from external bus masters, performing the necessary accesses and
transferring the requested data. The slave interface logic acts as a responder during
frame transfers between devices belonging to the ELAN chipset, supplying Ethernet
frame data to requesters as necessary. An external processor can also use the PCI
slave interface to gain access to internal device registers and data structures in the
local memory space, or to download firmware or data to the ELAN 8x10 Switch
Processor. The slave interface unit contains a 32-byte write FIFO and a 128-byte read
FIFO to improve burst behavior during PCI reads and writes: the write FIFO buffers
data being written to the ELAN 8x10 by external devices, while the read FIFO holds
data read from local memory or internal registers in response to PCI memory read
commands from external requesters. Note that the slave interface only responds to
configuration space and memory space reads and writes; I/O space reads and writes
are not supported. The slave interface conforms to the access latency, access ordering
and disconnect rules of the PCI v2.1 standard. A set of special registers are provided in
the PCI configuration space that may be used to alter the access latency rules imposed
by the slave logic in order to improve PCI bus utilization if required.
The expansion port also contains hardware to speed up intercommunication between
ELAN 8x10 devices via the PCI bus. This hardware takes the form of seven request
counters and seven acknowledge counters. Each request/ acknowledge counter pair is
dedicated to supporting communications with a specific external ELAN 8x10 device. An
external ELAN 8x10 device will increment a request counter to signal that a packet or
message data is available to be read, and will increment an acknowledge counter to
acknowledge that it (the external ELAN 8x10) has read a message or packet from the
local ELAN 8x10. Standard PCI reads and writes can be used to increment the request
and acknowledge counters. More details on these counters are supplied below.
The expansion port is compatible with the "PCI Local Bus Specification", release 2.1.
To support the use of the ELAN 8x10 in standalone switch system applications, a
simple external bus arbiter (easily implemented in a single programmable logic device)
must be provided to arbitrate between PCI bus accesses of multiple ELAN 8x10
devices.
The PCI bus interface within the expansion port runs synchronously to the PCI bus
clock, which must be supplied on the PCI_CLK input pin. The duty cycle of the
PCI_CLK pin is as specified in the PCI Local Bus Specification whereas the operating
frequency used by the ELAN expansion bus interface is 40 MHz, as opposed to the PCI
Local Bus Specification value of 33 MHz. The ELAN 8x10 PCI bus interface implements
synchronization logic to transfer data between the PCI bus clock domain and the
internal device clock.
PCI Transactions Supported
The on-chip PCI interface is capable of initiating the following commands:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com