Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 75 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 75 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 71Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 72Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 73Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 74Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 75Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 76Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 77Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 78Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 79Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
73
Note that the HashBkt field is not used when the data descriptor does not point to an
Ethernet frame.
A slightly different format is used for data descriptors when they are being transferred
between internal firmware routines within the ELAN 8x10 during frame reception on the
eight local MAC channels. This format is strictly transient, and is never visible when the
data descriptor is presented to an external entity or packet driver firmware, but may be
observed if the contents of the work queue (see below) are inspected directly via the
PCI bus interface. The format is as follows:
31
24
23
16
15
8
7
0
Byte
Offset
Flags
NextDD
0
NumPBs
FirstPB
4
SrcPort
LastPB
8
DstHBIndx
SrcHBIndx
12
NextDD:
24-bit pointer to next data descriptor in linked-list of data descriptors forming
work queue.
Flags:
8-bit data descriptor flags field, formatted as below.
FirstPB:
24-bit pointer to first packet buffer in linked-list of packet buffers containing
frame data.
NumPBs:
8-bit count of packet buffers in chain pointed to by FirstPB.
LastPB:
24-bit pointer to last packet buffer in linked-list of packet buffers pointed to by
FirstPB.
SrcPort:
8-bit source port index within device: indicates the MAC channel upon which
the packet was received. For the ELAN 8x10, this ranges from 0 through 7.
SrcHBIndx:
16-bit encoded index of source hash bucket found by address table lookup
hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com