| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 64 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 64 Page - PMC-Sierra, Inc |
|
64 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 62 In a multiple-ELAN 8x10 system, a single ELAN 8x10 may be designated as a master and possess a boot image in an EPROM or EEPROM. This ELAN 8x10 is then responsible for initializing and configuring all the other ELAN 8x10s in the system via the expansion port interface. This is facilitated by the RISCRUN configuration bit supplied on the memory data buses of all of the ELAN 8x10s in the system. In this application, the master ELAN 8x10 should have its RISCRUN bit pulled HIGH during reset, and all of the other slaves should have the corresponding bits pulled LOW, ensuring that they enter standby mode The master ELAN 8x10 can then configure itself, download boot information to the RAM interfaced to the remaining ELAN 8x10s, and finally enable all of the slave ELAN 8x10s to start running. The slave devices can then initialize themselves using the downloaded information. Configuration Parameters This section describes the various configuration parameters that can be adjusted by the system implementer to create a boot image for various system types and options. The configuration parameters are primarily located in a header file that is read as part of the bootstrap image creation process. This section is TBD. Stand-Alone System Boot This section describes how a stand-alone ELAN 8x10 system (i.e., one containing only one device, or one where every ELAN 8x10 device possesses its own EPROM/ EEPROM that provides a boot image) initializes itself. This section is TBD. Master/Slave System Boot The boot-up process implemented in a master/slave ELAN 8x10 system, consisting of a single master ELAN 8x10 device and one or more slave devices, is described here. In such a system, only the master device possesses an EPROM or EEPROM containing the primary boot image; the slaves receive their boot images in the form of downloads by the master device to predetermined areas of slave device external RAM. This section is TBD Host-Controlled System Boot In a host-controlled system, it is expected that all of the ELAN 8x10 devices are configured as slaves, i.e., they do not possess EPROMs or EEPROMs containing boot images that permit them to self-configure at power-up. Instead, they enter a halt state after system reset and wait for the host (i.e., system master processor) to download the required boot image and enable them to begin executing it. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |