Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3350-SW Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 4Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 5Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 6Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 7Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 8Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 9Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 10Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 11Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
6
•
Expansion port supports a peak system bandwidth of 1 Gbit/s, and is compatible
with industry-standard PCI bus (version 2.1).
•
Interfaces directly to industry-standard 10BaseT Ethernet Medium Access Unit
devices (LXT944 or similar) with no glue logic.
•
Configuration, management, MIB statistics and diagnostics available in-band or
out-of-band.
•
Maintains and collects per-port and per-host statistics at wire rates, allowing a
network switch comprised of PM3351 and PM3350 chips to implement RMON
statistics (EtherStats and HostStats) using supplied on-chip firmware.
•
Fully static CMOS operation at 50 MHz clock rates.
•
3.3 Volt core, 5 Volt compatible I/O
•
256 pin SBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com