Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 3 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 3 Page - Analog Devices

  LT3074AVPBF Datasheet HTML 1Page - Analog Devices LT3074AVPBF Datasheet HTML 2Page - Analog Devices LT3074AVPBF Datasheet HTML 3Page - Analog Devices LT3074AVPBF Datasheet HTML 4Page - Analog Devices LT3074AVPBF Datasheet HTML 5Page - Analog Devices LT3074AVPBF Datasheet HTML 6Page - Analog Devices LT3074AVPBF Datasheet HTML 7Page - Analog Devices LT3074AVPBF Datasheet HTML 8Page - Analog Devices LT3074AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
3 of 62
SPECIFICATIONS
Table 1. Electrical Characteristics
(All typical specifications are at TJ(junction temperature). = 25°C and all min. and max. specifications are across
the entire operating temperature range, unless otherwise noted. COUT = 22µF, CSETCAP = 4.7µF, CBIASAF = 2.2µF,
and CBIASDF = 0.47µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
IN Pin Voltage
VIN
5.5
V
BIAS Pin Voltage 1
VBIAS
2.375
5.5
V
SETRES Pin Current3
ISETRES
Max [2.375, VOUT +
1.2V] ≤ VBIAS ≤
5.5V, VOUT + 0.2V ≤
VIN ≤ 5.5V, 0.5V ≤
VOUT ≤ 4.2V, 50mA
≤ IOUT ≤ 3A
,
MFR_MARGIN =
8’h00
TJ = 25°C
99.5
100
100.5
µA
SETRES Pin Current
ISETRES
Max [2.375, VOUT + 1.2V] ≤ VBIAS ≤ 5.5V,
VOUT + 0.2V ≤ VIN ≤ 5.5V, 0.5V ≤ VOUT ≤
4.2V, 50mA ≤ IOUT ≤ 3A
, MFR_MARGIN
= 8’h00
99
100
101
µA
Output Offset Voltage
VOS
VBIAS = 2.375V, VIN = 1.2V, VOUT = 1V, IOUT
= 10mA
−
1
1
mV
Max [2.375V, VOUT + 1.2V] ≤ VBIAS ≤ 5.5V,
50mA ≤ IOUT ≤ 3A, VOUT + 0.2V ≤ VIN ≤
5.5V, 0.5V ≤ VOUT ≤ 4.2V
−
2
2
ISETRES Line Regulation to
VIN
ΔISETRES =
f(ΔVIN)
VOUT = 0.5V, ∆VIN = 0.7V to 5.5V, VBIAS =
2.375V, IOUT = 50mA
50
nA
VOUT = 4.2V, ∆VIN = 4.4V to 5.5V, VBIAS =
5.5V, IOUT = 10mA
50
VOUT Line Regulation to
VIN
ΔVOUT =
f(ΔVIN)
VOUT = 0.5V, ∆VIN = 0.7V to 5.5V, VBIAS =
2.375V, IOUT = 50mA
0.5
mV
VOUT = 4.2V, ∆VIN = 4.4V to 5.5V, VBIAS =
5.5V, IOUT = 10mA
0.6
ISETRES Line Regulation to
VBIAS
ΔISETRES =
f(ΔVBIAS)
VOUT = 0.5V, ∆VBIAS = 2.375V to 5.5V, VIN
= 0.7V, IOUT = 50mA
100
nA
VOUT = 3.3V, ∆VBIAS = 4.5V to 5.5V, VIN =
3.5V, IOUT = 10mA
100
VOUT Line Regulation to
VBIAS
VOUT = 0.5V, ∆VBIAS = 2.375V to 5.5V, VIN
= 0.7V, IOUT = 50mA
0.25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com