Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 46 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 46 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 42Page - Analog Devices LT3074AVPBF Datasheet HTML 43Page - Analog Devices LT3074AVPBF Datasheet HTML 44Page - Analog Devices LT3074AVPBF Datasheet HTML 45Page - Analog Devices LT3074AVPBF Datasheet HTML 46Page - Analog Devices LT3074AVPBF Datasheet HTML 47Page - Analog Devices LT3074AVPBF Datasheet HTML 48Page - Analog Devices LT3074AVPBF Datasheet HTML 49Page - Analog Devices LT3074AVPBF Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
46 of 62
5:4
Read/Write
‘b10
Output Margin High (margin value set by MFR_MARGIN
register)
‘b11
Not Supported
3:2
Read/Write
Margin Fault Response
Value
Output Status
‘b00
Not Supported unless bits [5:4] are ‘b00 or bit 7 is ‘b0
‘b01
Ignore Faults
‘b10
Report Faults
‘b11
Not Supported unless bits [5:4] are ‘b00 or bit 7 is ‘b0
1
Read Only
Not used
0
Read Only
PMBus Reserved
1
Device does not respond to this data if bit 3 of the ON_OFF_CONFIG register is not set.
Programming unsupported data bytes to the OPERATION register generates an invalid data fault that is reported in
the STATUS_CML register, and the command is ignored. The host is notified by asserting the ALERT pin. This
command has one data byte.
ON_OFF_CONFIG
The ON_OFF_CONFIG command configures the combination of the EN pin input and the serial bus commands
needed to turn the device on and off. This includes how the unit responds when the power is applied.
Table 12. ON_OFF_CONFIG Command Bit Field Descriptions
Bit
Access Mode
Description
7:5
Read Only
PMBus Reserved
4
Read Only
Turn On Behavior (hardwired to turn on only when commanded by the EN pin and/or
OPERATION command)
3
Read/Write
OPERATION Command Control
Value
Output Status
‘b0
Ignore On/Off State Bit (Bit 7) of OPERATION Command
‘b1
Turn on only when On/Off Bit (Bit 7) of OPERATION Command is ’b1
2
Read Only
EN pin control (EN pin must command the part to turn on)
1
Read Only
EN pin polarity (hardwired to be active high)
0
Read Only
Turn-off delay (hardwired to turn off immediately)
CLEAR_FAULTS
The CLEAR_FAULTS command is used to clear any fault bits that are set. This command clears all bits in all status
registers simultaneously. At the same time, the device releases the ALERT pin signal output if the device is asserting
the ALERT pin signal. If the fault is still present after the bits are cleared, the fault bit is set again and the host notified
by asserting the ALERT pin low.
This is a write-only command with no data bytes.
WRITE_PROTECT
The WRITE_PROTECT command is used to control writing to the LT3074 registers. The intention of this command is
to provide protection against accidental changes. Table 13 gives a list of supported data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com