Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 13Page - Analog Devices LT3074AVPBF Datasheet HTML 14Page - Analog Devices LT3074AVPBF Datasheet HTML 15Page - Analog Devices LT3074AVPBF Datasheet HTML 16Page - Analog Devices LT3074AVPBF Datasheet HTML 17Page - Analog Devices LT3074AVPBF Datasheet HTML 18Page - Analog Devices LT3074AVPBF Datasheet HTML 19Page - Analog Devices LT3074AVPBF Datasheet HTML 20Page - Analog Devices LT3074AVPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
17 of 62
Figure 16. Dropout Voltage vs. Load
Figure 17. Dropout Voltage vs. Temperature (3A)
Figure 18. Dropout Voltage vs. Temperature (2A)
Figure 19. Dropout Voltage vs. Temperature (1A)
Figure 20. Dropout Voltage vs. Bias
Figure 21. IGND vs. Temperature
VIN = VOUT (Nominal)
VOUT = 0.5V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 2.5V
VOUT = 1.0V, VBIAS = 3.3V
VOUT = 1.0V, VBIAS = 5.0V
VOUT = 3.3V, VBIAS = 5.0V
ILOAD (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0
5
10
15
20
25
30
35
40
45
50
ILOAD = 3A
VOUT = 0.5V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 2.5V
VOUT = 1.0V, VBIAS = 3.3V
VOUT = 1.0V, VBIAS = 5.0V
VOUT = 3.3V, VBIAS = 5.0V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
7.5
15.0
22.5
30.0
37.5
45.0
52.5
60.0
67.5
75.0
ILOAD = 2A
VOUT = 0.5V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 2.5V
VOUT = 1.0V, VBIAS = 3.3V
VOUT = 1.0V, VBIAS = 5.0V
VOUT = 3.3V, VBIAS = 5.0V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
45
50
ILOAD = 1A
VOUT = 0.5V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 2.5V
VOUT = 1.0V, VBIAS = 3.3V
VOUT = 1.0V, VBIAS = 5.0V
VOUT = 3.3V, VBIAS = 5.0V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
ILOAD = 3A
VOUT = 0.5V
VOUT = 1.0V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VBIAS (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
90
100
VIN = 1.5V
VOUT = 1.2V
VBIAS = 2.5V
CLKDISABLE = 0V
ILOAD = 10mA
ILOAD = 3A
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com