Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 56 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 56 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 52Page - Analog Devices LT3074AVPBF Datasheet HTML 53Page - Analog Devices LT3074AVPBF Datasheet HTML 54Page - Analog Devices LT3074AVPBF Datasheet HTML 55Page - Analog Devices LT3074AVPBF Datasheet HTML 56Page - Analog Devices LT3074AVPBF Datasheet HTML 57Page - Analog Devices LT3074AVPBF Datasheet HTML 58Page - Analog Devices LT3074AVPBF Datasheet HTML 59Page - Analog Devices LT3074AVPBF Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
56 of 62
MFR_RAIL_ADDRESS
The MFR_RAIL_ADDRESS command sets a direct PMBus address for the LT3074. This address should be common to
all devices attached to a single power supply rail. Only perform command writes to this address. If a read is
performed from this address and the rail devices do not respond with EAXCTLY the same value, this leads to bus
contention and data corruption.
Setting this command to a value of 0x80 disables rail device addressing.
This command has one data byte.
MFR_RESET
The MFR_RESET command provides a means to reset the LT3074 from the serial bus. This forces the LT3074 to turn
off the output power, discharge the output and the reference, reset the digital logic, clear all faults and then
perform a soft start of the output.
This write-only command has no data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com