Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 45 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 45 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 41Page - Analog Devices LT3074AVPBF Datasheet HTML 42Page - Analog Devices LT3074AVPBF Datasheet HTML 43Page - Analog Devices LT3074AVPBF Datasheet HTML 44Page - Analog Devices LT3074AVPBF Datasheet HTML 45Page - Analog Devices LT3074AVPBF Datasheet HTML 46Page - Analog Devices LT3074AVPBF Datasheet HTML 47Page - Analog Devices LT3074AVPBF Datasheet HTML 48Page - Analog Devices LT3074AVPBF Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
45 of 62
the LT3074 are not violated in the application setup. Faults that are detrimental to the device operation (such as
thermal shutdown) are always reported and acted upon. See the STATUS_BYTE and STATUS_WORD commands and
the related fault reporting commands for details on the faults supported by the LT3074.
Bus Timeout
The LT3074 implements a timeout feature to avoid hanging the serial interface. The SMBus specification includes
three clock stretching specifications related to timeout conditions. The timeout conditions are described as
following.
TTIMEOUT
A timeout condition occurs if any single SCL clock pulse is held low for longer than TTIMEOUT_MIN of 25ms. Upon detecting
the timeout condition, the LT3074 aborts the transfer, releases the bus lines, and readies to accept a new start
condition. The device initiating the timeout is required to hold the SCL clock line low for at least TTIMEOUT_MAX of 35ms,
guaranteeing that the LT3074 device has enough time to reset its communication protocol.
TLOW:SEXT
The TLOW:SEXT of 25ms specification is defined as the cumulative time that the SCL line is held low by the target device
in any one message from the start to stop condition. The LT3074 is guaranteed by design not to violate this
specification.
TLOW:MEXT
The TLOW:MEXT of 10ms specification is defined as the cumulative time that the SCL line is held low by the host device
in any one byte of a message between the start-to-acknowledge, acknowledge-to-acknowledge, or acknowledge-to-
stop. This check is not implemented in the LT3074.
PMBus Command Details
PAGE
The PAGE command is included to provide integration with multipage devices. The LT3074 accepts all data values
for the PAGE register, ACKs the data, and discards it. Reading the PAGE register always returns 8’hFF.
OPERATION
The OPERATION command is used to turn the unit on or off in conjunction with the status of the EN pin. It is also used
to program the output voltage to a high or low margin state. The unit stays in the commanded operating mode until
a subsequent OPERATION command or a reset operation (either using the EN pin or the MRF_RESET command).
Table 11. OPERATION Command Bit Field Descriptions
Bit
Access Mode
Description
7
Read/Write
On/Off State
Value
Output Status
‘b0 1
Off
‘b1
On
6
Read Only
Turn Off Behavior (hardwired to turn off immediately)
5:4
Read/Write
Voltage Command Source
Value
Output Status
‘b00
Nominal Output
‘b01
Output Margin Low (margin value set by MFR_MARGIN register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com