Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 6Page - Analog Devices LT3074AVPBF Datasheet HTML 7Page - Analog Devices LT3074AVPBF Datasheet HTML 8Page - Analog Devices LT3074AVPBF Datasheet HTML 9Page - Analog Devices LT3074AVPBF Datasheet HTML 10Page - Analog Devices LT3074AVPBF Datasheet HTML 11Page - Analog Devices LT3074AVPBF Datasheet HTML 12Page - Analog Devices LT3074AVPBF Datasheet HTML 13Page - Analog Devices LT3074AVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
10 of 62
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
IN Pin Voltage 1
−
0.3V to 6V
OUT Pin Voltage 1
−
0.3V to 6V
SENSE Pin Voltage 1
−
0.3V to 6V
BIAS, BIASAF, BIASDF Pin Voltage 1
−
0.3V to 6V
SCL, SDA, ALERT Pin Voltage 1
−
0.3V to 5.5V
EN Pin Voltage 1
−
0.3V to 6V
VIOC Pin Voltage 1
−
0.3V to 6V
VIOC Pin Current
−
1mA to 1mA
IMON Pin Voltage 1
−
0.3V to 6V
PGFB Pin Voltage 1
−
0.3V to 6V
PG Pin Voltage 1
−
0.3V to 6V
SETRES, SETCAP Pin Voltage 1
−
0.3V to 6V
ASEL Pin Voltage 1
−
0.3V to 5.5V
CLKDIS Pin Voltage 1
−
0.3V to 5.5V
AGND to DGND Differential Voltage
−
0.3V to 0.3V
Output Short-Circuit Duration
Indefinite
Operating Junction Temperature 2
−
40°C to +125°C
Storage Temperature Range
−
65°C to +150°C
Maximum Reflow (Package Body) Temperature
+260°C
.
1
Parasitic diodes exist internally between IN, OUT, SENSE, BIAS, BIASAF, BIASDF, ASEL, SCL, SDA, ALERT , EN,
VIOC, CLKDIS, IMON, PG, SETRES, SETCAP, and PGFB pins, and GND. Do not drive these pins more than 0.3V
below the GND pin during a fault condition. These pins must remain at a voltage more positive than GND during
normal operation.
2
The LT3074A is tested and specified under pulse load conditions such that TJ ≈ TA(ambient temperature). The
LT3074A is tested at TA = 25°C. Performance of the LT3074A over the full –40°C and 125°C operating temperature
range is assured by design, characterization, and correlation with statistical process controls. The LT3074A is
guaranteed over the full –40°C to 125°C operating junction temperature range.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com