Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 57 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 57 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 53Page - Analog Devices LT3074AVPBF Datasheet HTML 54Page - Analog Devices LT3074AVPBF Datasheet HTML 55Page - Analog Devices LT3074AVPBF Datasheet HTML 56Page - Analog Devices LT3074AVPBF Datasheet HTML 57Page - Analog Devices LT3074AVPBF Datasheet HTML 58Page - Analog Devices LT3074AVPBF Datasheet HTML 59Page - Analog Devices LT3074AVPBF Datasheet HTML 60Page - Analog Devices LT3074AVPBF Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
57 of 62
TYPICAL APPLICATION CIRCUITS
Figure 92. Paralleling Multiple LT3074s for Higher Output Current
59kΩ
261kΩ
0.47µF
2.2µF
BIAS
BIASDF
VBIAS = 2.5V
VIN = 1.2V
IMON
SDA
SCL
ALERT
ASEL
EN/UV
VIOC
PGFB
CLKDIS DGND AGND
PG
BIASAF
MPWR
IREF
RFS
RFS
LT3074
IN
47µF
COUT1
22µF
+
–
OUT
SENSE
SETCAP
SETRES
TO
PMBus
HOST
47.5kΩ
261kΩ
0.47µF
2.2µF
BIAS
BIASDF
IMON
SDA
SCL
ALERT
ASEL
EN/UV
VIOC
PGFB
CLKDIS DGND AGND
PG
BIASAF
MPWR
IREF
LT3074
IN
47µF
COUT2
22µF
RBALLAST1
2mΩ
RBALLAST2
2mΩ
VOUT = 1V
IOUT(MAX) = 6A
+
–
OUT
SENSE
SETCAP
SETRES
CSETCAP
4.7µF
RSETRES
4.99kΩ
1%
51kΩ
10kΩ
10kΩ
10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com