Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 54 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 54 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 50Page - Analog Devices LT3074AVPBF Datasheet HTML 51Page - Analog Devices LT3074AVPBF Datasheet HTML 52Page - Analog Devices LT3074AVPBF Datasheet HTML 53Page - Analog Devices LT3074AVPBF Datasheet HTML 54Page - Analog Devices LT3074AVPBF Datasheet HTML 55Page - Analog Devices LT3074AVPBF Datasheet HTML 56Page - Analog Devices LT3074AVPBF Datasheet HTML 57Page - Analog Devices LT3074AVPBF Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
54 of 62
MFR_MARGIN
The MFR_MARGIN command is used to calculate the output voltage high and low margin values, as a percentage of
the nominal output voltage. The margin value calculated using this command is applied at the output of the LT3074
based on the status of the OPERATION command.
Table 23. MFR_MARGIN Bit Field Descriptions
Bit
Access Mode
Description
7:4
Read/Write
4-bit code used to calculate the high side margin percentage. See Table 24 for the
margin percentage corresponding to each code.
3:0
Read/Write
4-bit code used to calculate the low side margin percentage. See Table 24 for the
margin percentage corresponding to each code.
Table 24. MFR_MARGIN Code to Margining Percentage Mapping
4-Bit Code
Margin Percentage
4’b0000
0
4’b0001
1
4’b0010
3
4’b0011
5
4’b0100
10
4’b0101
15
4’b0110
20
4’b0111
25
4’b1000
30
This command has one data byte.
MFR_READ_VBIAS
The MFR_READ_VBIAS command returns the measured BIAS pin voltage, in Volts. This read-only command has two
data bytes formatted in the Linear_5s_11s format.
MFR_BIAS_OV_WARN_LIMIT
The MFR_BIAS_OV_WARN_LIMIT command sets the value of the bias voltage measured at the BIAS pin, in Volts,
which causes a bias voltage high warning. The bias voltage measured and converted by the ADC (and reported using
the MFR_READ_VBIAS command) is used to compare the actual bias voltage to the limit value. As a result, there can
be up to a 20ms delay from the time the bias voltage hits the limit to the time the fault is reported. Transitionary
faults that last for a time period smaller than the ADC conversion time are filtered out and not reported.
In response to the MFR_BIAS_OV_WARN_LIMIT being exceeded, the device:
Sets the NONE_OF_THE_ABOVE bit in STATUS_BYTE register.
Sets the MFRSPECIFIC bit in the STATUS_WORD register.
Sets the VBIAS_OV_WARNING bit in the STATUS_MFR_SPECIFIC register.
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com