Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 52 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 52 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 48Page - Analog Devices LT3074AVPBF Datasheet HTML 49Page - Analog Devices LT3074AVPBF Datasheet HTML 50Page - Analog Devices LT3074AVPBF Datasheet HTML 51Page - Analog Devices LT3074AVPBF Datasheet HTML 52Page - Analog Devices LT3074AVPBF Datasheet HTML 53Page - Analog Devices LT3074AVPBF Datasheet HTML 54Page - Analog Devices LT3074AVPBF Datasheet HTML 55Page - Analog Devices LT3074AVPBF Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
52 of 62
Bit
Access Mode
Bit Name
Description
2
Read Only
IIN_OC_FAULT
Not supported (returns 0)
1
Read Only
IIN_OC_WARNING
Not supported (returns 0)
0
Read Only
PIN_OP_WARNING
Not supported (returns 0)
This command has one data byte.
STATUS_TEMPERATURE
The STATUS_TEMPERATURE command returns a one-byte summary of faults and warnings related to the average
die temperature.
Table 20. STATUS_TEMPERATURE Bit Field Descriptions
Bit
Access Mode
Bit Name
Description
7
Read/Write 1 to Clear OT_FAULT
A thermal shutdown event occurred.
6
Read/Write 1 to Clear OT_WARNING
An overtemperature warning (as set by the
OT_WARN_LIMIT) occurred.
5
Read Only
UT_WARNING
Not supported (returns 0)
4
Read Only
UT_FAULT
Not supported (returns 0)
3:0
Read Only
PMBus Reserved
Returns 4’b0000
This command has one data byte.
STATUS_CML
The STATUS_CML command returns a one-byte summary of faults related to PMBus communication, memory, and
logic.
Table 21. STATUS_CML Bit Field Descriptions
Bit
Access Mode
Bit Name
Description
7
Read/Write 1 to Clear Invalid/Unsupported
Command
A command not supported by the LT3074 is received.
6
Read/Write 1 to Clear Invalid/Unsupported
Data
A data value not supported by the LT3074 is received.
5
Read/Write 1 to Clear Packet Error Check
Failed
PEC data byte received is incorrect.
4
Read Only 1
Memory Fault
Detected
Uncorrectable error with the trim fuses occurred.
3
Read Only
Processor Fault
Detected
Not supported (returns 0)
2
Read Only
PMBus Reserved
Returns 0
1
Read/Write 1 to Clear Other
Communication
Fault
Communication fault not listed above occurred.
0
Read Only
Other Memory or
Logic Fault
Not supported (returns 0)
1
Writing 1 to this bit clears it and the bit is set again as the fault is persistent and cannot be resolved.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com