Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 51 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 51 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 47Page - Analog Devices LT3074AVPBF Datasheet HTML 48Page - Analog Devices LT3074AVPBF Datasheet HTML 49Page - Analog Devices LT3074AVPBF Datasheet HTML 50Page - Analog Devices LT3074AVPBF Datasheet HTML 51Page - Analog Devices LT3074AVPBF Datasheet HTML 52Page - Analog Devices LT3074AVPBF Datasheet HTML 53Page - Analog Devices LT3074AVPBF Datasheet HTML 54Page - Analog Devices LT3074AVPBF Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
51 of 62
STATUS_VOUT
The STATUS_VOUT command returns a one-byte summary of faults and warnings related to the output voltage.
Table 17. STATUS_VOUT Bit Field Descriptions
Bit
Access Mode
Bit Name
Description
7
Read Only
VOUT_OV_FAULT
Not supported (returns 0)
6
Read/Write 1 to Clear VOUT_OV_WARN
An output overvoltage warning (as set by the
VOUT_OV_WARN_LIMIT) occurred.
5
Read/Write 1 to Clear VOUT_UV_WARN
An output undervoltage warning (as set by the
VOUT_UV_WARN_LIMIT) occurred.
4
Read/Write 1 to Clear VOUT_UV_FAULT
An output undervoltage fault (as set by the PGFB pin)
occurred.
3
Read Only
VOUT_MAX_MIN
Not supported (returns 0)
2
Read Only
TON_MAX
Not supported (returns 0)
1
Read Only
TOFF_MAX
Not supported (returns 0)
0
Read Only
VOUT_TRACKING
Not supported (returns 0)
This command has one data byte.
STATUS_IOUT
The STATUS_IOUT command returns a one-byte summary of faults and warnings related to the output current.
Table 18. STATUS_IOUT Bit Field Descriptions
Bit
Access Mode
Bit Name
Description
7
Read/Write 1 to Clear IOUT_OC_FAULT
An output overcurrent fault (as set by the
IOUT_OC_FAULT_LIMIT) occurred.
6
Read Only
IOUT_OC_LV_FAULT
Not supported (returns 0)
5
Read Only
IOUT_OC_WARNING
Not supported (returns 0)
4
Read Only
IOUT_UC_FAULT
Not supported (returns 0)
3
Read Only
Current Share Fault
Not supported (returns 0)
2
Read Only
TON_MAX
Not supported (returns 0)
1
Read Only
TOFF_MAX
Not supported (returns 0)
0
Read Only
VOUT_TRACKING
Not supported (returns 0)
This command has one data byte.
STATUS_INPUT
The STATUS_INPUT command returns one-byte summary of warnings related to the input voltage.
Table 19. STATUS_INPUT Bit Field Descriptions
Bit
Access Mode
Bit Name
Description
7
Read Only
VIN_OV_FAULT
Not supported (returns 0)
6
Read/Write 1 to Clear VIN_OV_WARNING
An input overvoltage warning (as set by the
VIN_OV_WARN_LIMIT) occurred.
5
Read/Write 1 to Clear VIN_UV_WARNING
An input undervoltage warning (as set by the
VIN_UV_WARN_LIMIT) occurred.
4
Read Only
VIN_UV_FAULT
Not supported (returns 0)
3
Read Only
VIN_UVLO
Not supported (returns 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com