Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 38 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 38 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 34Page - Analog Devices LT3074AVPBF Datasheet HTML 35Page - Analog Devices LT3074AVPBF Datasheet HTML 36Page - Analog Devices LT3074AVPBF Datasheet HTML 37Page - Analog Devices LT3074AVPBF Datasheet HTML 38Page - Analog Devices LT3074AVPBF Datasheet HTML 39Page - Analog Devices LT3074AVPBF Datasheet HTML 40Page - Analog Devices LT3074AVPBF Datasheet HTML 41Page - Analog Devices LT3074AVPBF Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
38 of 62
BIAS Undervoltage Lockout
An internal undervoltage lockout (UVLO) comparator monitors the BIAS rail. If VBIAS drops below the UVLO threshold,
all functions shut down, the pass transistor is gated off, and output current falls to zero. The typical BIAS pin UVLO
threshold is 2.2V on the rising edge of BIAS. The UVLO circuitry incorporates about 130mV of hysteresis on the falling
edge of BIAS.
EN/UV Function (Turning the Part ON and OFF)
The EN/UV pin is used to put the regulator in a micropower shutdown state (NAP mode). In NAP mode, the BIAS pin
quiescent current drops to less than 10µA.
The LT3074 has an accurate 1.26V turn-on threshold on the EN/UV pin with 80mV hysteresis. This threshold can be
used with a resistor divider from the BIAS supply to define an accurate UVLO threshold for the regulator. The EN/UV
pin current (IEN/UV) at the threshold from Table 1 must be considered when calculating the resistor divider network as
follows:
������������������������������(������������������������) = 1.26������ × (1 +
������������������2
������������������1
) + (������������������/������������ × ������������������2)
where:
REN1 and REN2 are the resistors from the EN/UV pin to AGND and the EN/UV pin to the BIAS pin, respectively. IEN/UV can
be ignored if REN1 is less than 100kΩ. If unused, connect the EN/UV pin to BIAS.
Power Good Indicator
The power good (PG) pin is an open-drain NMOS output that indicates the status of the output voltage. The PG pin
becomes high impedance when the output is within its regulation limits and is actively pulled low when one or more
of the following conditions are detected
•
EN/UV pin is pulled below its turn on threshold, forcing the part in NAP mode.
•
BIAS voltage is below its UVLO threshold.
•
Programmable power good comparator detects an output undervoltage fault.
•
OUT over IN voltage detector activates.
Programmable Power Good
In addition to programming the VOUT_UV_WARN_LIMIT through the PMBus, the LT3074 supports an analog method
to set an output undervoltage fault. As illustrated in Figure 81 , the power good threshold is user programmable using
the ratio of two external resistors, RPG2 and RPG1:
������������������������(������������_������������������������������������������������������) = 0.3������ × (1 +
������������������2
������������������1
) + (������������������������������ × ������������������2)
If the PGFB pin increases to more than 300mV, the open-drain PG pin deasserts and becomes high impedance. The
power good comparator has 8mV of hysteresis and 10µsec of deglitch. If the power good comparator detects an
output undervoltage fault, in addition to asserting the PG pin low, bit 4 of the STATUS_VOUT register (and as a result
bit 15 of the STATUS_WORD register) is set and the host is notified by asserting the ALERT pin low.
If the programmable power good functionality is not needed, tie the PGFB pin to BIAS and float the PG pin. Do not
float the PGFB pin.
Current Monitor and Programmable Current Limit
The IMON pin of the LT3074 serves as a voltage output proportional to the load current. The scaling factor for the
reported voltage is IOUT/3A such that the IMON pin voltage corresponds to 1V for the full 3A load current. The IMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com