Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 30 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 30 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 26Page - Analog Devices LT3074AVPBF Datasheet HTML 27Page - Analog Devices LT3074AVPBF Datasheet HTML 28Page - Analog Devices LT3074AVPBF Datasheet HTML 29Page - Analog Devices LT3074AVPBF Datasheet HTML 30Page - Analog Devices LT3074AVPBF Datasheet HTML 31Page - Analog Devices LT3074AVPBF Datasheet HTML 32Page - Analog Devices LT3074AVPBF Datasheet HTML 33Page - Analog Devices LT3074AVPBF Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
30 of 62
COMMAND (CMD)
NAME
CMD
CODE
DESCRIPTION
TYPE
DATA
FORMAT
DEFAULT
VALUE
VIN_OV_WARN_LIMIT
0x57
Input overvoltage warning limit
R/W Word
L11
0xCAC0
(5.5)
VIN_UV_WARN_LIMIT
0x58
Input undervoltage warning limit
R/W Word
L11
0xC840
(0.5)
STATUS_BYTE
0x78
One byte summary of unit’s fault
condition
R/W Byte
Reg
NA
STATUS_WORD
0x79
One word summary of unit’s fault
condition
R/W Word
Reg
NA
STATUS_VOUT
0x7A
Output voltage fault and warning
status
R/W Byte
Reg
NA
STATUS_IOUT
0x7B
Output current fault and warning
status
R/W Byte
Reg
NA
STATUS_INPUT
0x7C
Input voltage fault and warning status
R/W Byte
Reg
NA
STATUS_TEMPERATURE 0x7D
Temperature fault and warning status
R/W Byte
Reg
NA
STATUS_CML
0x7E
Communication fault status
R/W Byte
Reg
NA
STATUS_MFR_SPECIFIC 0x80
Manufacturer specific fault and
warning status
R/W Byte
Reg
NA
READ_VIN
0x88
Measured IN pin voltage
R Word
L11
NA
READ_VOUT
0x8B
Measured OUT pin voltage
R Word
L16
NA
READ_IOUT
0x8C
Measured OUT pin current
R Word
L11
NA
READ_TEMPERATURE_1 0x8D
Measured average die temperature
R Word
L11
NA
PMBUS_REVISION
0x98
PMBus revision supported by this
device. Current revision is 1.3
R Byte
Reg
0x33
IC_DEVICE_ID
0xAD
Device identification stored in ASCII
format
R Block/R
Word
ASC
LT3074
IC_DEVICE_REV
0xAE
Device revision identifier
R Block/R
Word
ASC
00
MFR_MARGIN
0xC4
Configuration to set output margining
value
R/W Byte
Reg
0x33
MFR_READ_VBIAS
0xC6
Measured BIAS pin voltage
R Word
L11
NA
MFR_BIAS_OV_WARN_L
IMIT
0xC7
Bias overvoltage warning limit
R/W Word
L11
0xCAC0
(5.5)
MFR_BIAS_UV_WARN_L
IMIT
0xC8
Bias undervoltage warning limit
R/W Word
L11
0xC91A
(2.2031)
MFR_IOUT_MIN_WARN
_LIMIT
0xC9
Minimum output current warning limit
R/W Word
L11
0xA19A
(0.1001)
MFR_SPECIAL_ID
0xE7
Manufacturer special value used for
device identification
R Word
Reg
0x1C1D
MFR_DEFAULT_CONFIG
0xF5
Indicates the status of the
configuration registers
R Byte
Reg
0x01
MFR_RAIL_ADDRESS
0xFA
Common address for PolyPhase
outputs to adjust common parameters
R/W Byte
Reg
0x80
MFR_RESET
0xFD
Commanded reset without requiring
power down
Send Byte
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com