Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 5 Page - Analog Devices

  LT3074AVPBF Datasheet HTML 1Page - Analog Devices LT3074AVPBF Datasheet HTML 2Page - Analog Devices LT3074AVPBF Datasheet HTML 3Page - Analog Devices LT3074AVPBF Datasheet HTML 4Page - Analog Devices LT3074AVPBF Datasheet HTML 5Page - Analog Devices LT3074AVPBF Datasheet HTML 6Page - Analog Devices LT3074AVPBF Datasheet HTML 7Page - Analog Devices LT3074AVPBF Datasheet HTML 8Page - Analog Devices LT3074AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
5 of 62
(All typical specifications are at TJ(junction temperature). = 25°C and all min. and max. specifications are across
the entire operating temperature range, unless otherwise noted. COUT = 22µF, CSETCAP = 4.7µF, CBIASAF = 2.2µF,
and CBIASDF = 0.47µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
BIAS Pin Current
IBIAS
VIN = 1.4V, VOUT =
1.2V, VBIAS = 2.5V
IOUT = 10mA
4.7
9
mA
BIAS Pin Current
IBIAS
VIN = 1.4V, VOUT =
1.2V, VBIAS = 2.5V
IOUT = 3A
5.7
10
mA
BIAS Pin Current in
Dropout 2
IBIAS_DO
VBIAS = VOUT +1.2V, VIN = VOUT, IOUT = 3A
5.2
11
mA
VBIAS = 5.5V, VIN = VOUT, IOUT = 3A
40
60
BIAS Pin Current in
Shutdown (Nap Mode)
IBIAS_NAP
VBIAS = 5.5V, EN = 0V
200
µA
IMON Pin Voltage
VIMON
IOUT = 3A, VIN – VOUT = 0.2V
0.97
1
1.03
V
IOUT = 1A, VIN – VOUT = 0.2V
311.7 333.3 353.3
mV
Programmable Current
Limit 3
ILIM(P)
IOUT_OC_FAULT_LIMIT = 16’h0003
2.92
3.04
3.14
A
IOUT_OC_FAULT_LIMIT = 16’h0001
0.95
1.02
1.085
Internal Current Limit 3
IILIM(I)
VIN =1.5V, ∆VOUT = -5%, VBIAS = 5.5V
4.5
6
A
PGFB Pin Threshold
PGFB Rising
295
300
305
mV
Hysteresis
8
PG Low Voltage
VPG_OL
IPG = 200µA, VPGFB = 250mV
60
100
mV
CLKDIS Threshold
Input High Voltage
VBIAS −
0.3
V
Input Low Voltage
0.3
CLKDIS Leakage Current
VCLKDIS = 5.5V
100
nA
SETCAP Pin Current
ISETCAP
VSETRES− VSETCAP ≥ 100mV (Fast Start
Enabled)
2
mA
Fast Start-Up Threshold
Turn On (Measured as VSETRES –
VSETCAP)
10
75
mV
Turn Off (Measured as VSETRES –
VSETCAP)
-5
15
Temperature Output
Error 4
TJ = 25°C
−
5
5
°C
0°C ≤ TJ ≤ 125°C
−
9
9
Thermal Shutdown
TSDN
TJ Rising
168
°C
Hysteresis
7
BIAS Pin Undervoltage
Lock Out
VBIAS(UVLO)
EN = VBIAS, VIN =
0V, VOUT = 0V
VBIAS Rising
2.11
2.16
2.2
V
VBIAS Falling
1.96
2.02
2.06
Input-to-Output
Differential Voltage
Control 5
VIOCAV
VIOC Amplifier Gain
1
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com