Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 44 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 44 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 40Page - Analog Devices LT3074AVPBF Datasheet HTML 41Page - Analog Devices LT3074AVPBF Datasheet HTML 42Page - Analog Devices LT3074AVPBF Datasheet HTML 43Page - Analog Devices LT3074AVPBF Datasheet HTML 44Page - Analog Devices LT3074AVPBF Datasheet HTML 45Page - Analog Devices LT3074AVPBF Datasheet HTML 46Page - Analog Devices LT3074AVPBF Datasheet HTML 47Page - Analog Devices LT3074AVPBF Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
44 of 62
Figure 91. Summary of Faults Reported in the LT3074
Once the LT3074 pulls down the ALERT pin, the device continues to hold the pin low until one of the following occurs:
The LT3074 is disabled and enabled again using the EN/UV pin.
A CLEAR_FAULTS or MFR_RESET command is received (and the fault that caused the LT3074 to assert the
ALERT
pin low is not persistent).
All status bits are cleared by writing a 1 to each bit (and the fault that caused the LT3074 to assert the ALERT
pin low is not persistent).
The LT3074 successfully transmits its address during a PMBus ARA.
The BIAS power is removed from the device.
THE LT3074 does not support the masking of faults and warnings. If fault reporting for certain parameters is not
needed, make sure to set the limits for the respective parameters beyond the normal operating range in the
application. Regardless of the limits set, care must always be exercised to ensure the maximum operating ratings for
STATUS_WORD
15
VOUT
14
IOUT
13
INPUT
12
MFR_SPECIFIC
11
10
9
8
STATUS_BYTE
7
6
5
4
IOUT_OC
3
READS 0
READS 0
READS 0
READS 0
READS 0
OFF
READS 0
READS 0
2
TEMPERATURE
1
CML
0
NONE OF THE ABOVE
STATUS_VOUT
7
6
VOUT OV WARNING
5
VOUT UV WARNING
4
VOUT UV FAULT
3
2
1
0
READS 0
READS 0
READS 0
READS 0
READS 0
STATUS_IOUT
7
IOUT_OC FAULT
6
5
4
3
2
1
0
READS 0
READS 0
READS 0
READS 0
READS 0
READS 0
READS 0
STATUS_INPUT
7
6
VIN OV WARNING
5
VIN UV WARNING
4
3
2
1
0
STATUS_MFR_SPECIFIC
7
6
BIAS OV WARNING
5
BIAS UV WARNING
4
MIN IOUT WARNING
3
FAST START EVENT
2
1
0
READS 0
READS 0
READS 0
READS 0
READS 0
READS 0
READS 0
READS 0
READS 0
READS 0
STATUS_CML
7
INVALID/UNSUPPORTED COMMAND
6
INVALID/UNSUPPORTED DATA
5
PACKET ERROR CHECK FAILED
4
MEMORY FAULT DETECTED
3
2
1
OTHER COMMUNICATION FAULT
0
READS 0
READS 0
READS 0
STATUS_TEMPERATURE
7
OT FAULT
6
OT WARNING
5
4
3
2
1
0
READS 0
READS 0
READS 0
READS 0
READS 0
READS 0
DESCRIPTION
GENERATES ALERT
BIT CLEARABLE
GENERAL FAULT OR WARNING EVENT
YES
YES
STATUS DERIVED FROM OTHER BIT(S)
INDIRECTLY
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com