Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 11Page - Analog Devices LT3074AVPBF Datasheet HTML 12Page - Analog Devices LT3074AVPBF Datasheet HTML 13Page - Analog Devices LT3074AVPBF Datasheet HTML 14Page - Analog Devices LT3074AVPBF Datasheet HTML 15Page - Analog Devices LT3074AVPBF Datasheet HTML 16Page - Analog Devices LT3074AVPBF Datasheet HTML 17Page - Analog Devices LT3074AVPBF Datasheet HTML 18Page - Analog Devices LT3074AVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
15 of 62
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C, unless otherwise noted.
Figure 4. ISETRES vs. Temperature
Figure 5. ISETRES Distribution
Figure 6. VOS vs. Temperature
Figure 7. VOS Distribution
Figure 8. ISETRES Regulation to VIN
Figure 9. ISETRES Line Regulation to VBIAS
VBIAS = 5.5V
VIN – VOUT = 0.2V
ILOAD = 50mA
VOUT = 0.5V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 3.3V
VOUT = 4.2V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
98.0
98.4
98.8
99.2
99.6
100.0
100.4
100.8
101.2
101.6
102.0
N = 390
ISETRES DISTRIBUTION (µA)
99
99.5
100
100.5
101
VBIAS = 5.5V
VIN – VOUT = 0.2V
ILOAD = 50mA
VOUT = 0.5V
VOUT = 1.0V
VOUT = 1.2V
VOUT = 3.3V
VOUT = 4.2V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
–4.0
–3.2
–2.4
–1.6
–0.8
0
0.8
1.6
2.4
3.2
4.0
N = 390
VOUT = 0.5V
VOUT = 4.2V
VOS DISTRIBUTION (mV)
–2
–1
0
1
2
VBIAS = 2.5V
VSETRES = 0.5V
ILOAD = 50mA
–55°C
–40°C
+25°C
+125°C
+150°C
INPUT VOLTAGE (V)
98.0
98.4
98.8
99.2
99.6
100.0
100.4
100.8
101.2
101.6
102.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN = 0.7V
VSETRES = 0.5V
ILOAD = 50mA
–55°C
–40°C
+25°C
+125°C
+150°C
BIAS VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
98.0
98.4
98.8
99.2
99.6
100.0
100.4
100.8
101.2
101.6
102.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com