Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 53 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 53 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 49Page - Analog Devices LT3074AVPBF Datasheet HTML 50Page - Analog Devices LT3074AVPBF Datasheet HTML 51Page - Analog Devices LT3074AVPBF Datasheet HTML 52Page - Analog Devices LT3074AVPBF Datasheet HTML 53Page - Analog Devices LT3074AVPBF Datasheet HTML 54Page - Analog Devices LT3074AVPBF Datasheet HTML 55Page - Analog Devices LT3074AVPBF Datasheet HTML 56Page - Analog Devices LT3074AVPBF Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
53 of 62
STATUS_MFR_SPECIFIC
The STATUS_MFR_SPECIFIC command returns a one-byte summary of warnings specific to the LT3074.
Table 22. STATUS_MFR_SPECIFIC Bit Field Descriptions
Bit
Access Mode
Bit Name
Description
7
Read Only
Unused
Returns 0
6
Read/Write 1 to Clear VBIAS_OV_WARNING
A bias overvoltage warning (as set by the
MFR_BIAS_OV_WARN_LIMIT) occurred.
5
Read/Write 1 to Clear VBIAS_UV_WARNING
A bias undervoltage warning (as set by the
MFR_BIAS_UV_WARN_LIMIT) occurred.
4
Read/Write 1 to Clear IOUT_MIN_WARNING A minimum output current warning (as set by the
MFR_IOUT_MIN_WARN_LIMIT) occurred.
3
Read/Write 1 to Clear FAST_START
A fast start-up event (post initial power on) occurred.
2:0
Read Only
Unused
Returns 3’b000
This command has one data byte.
READ_VIN
The READ_VIN command returns the measured IN pin voltage, in Volts. This read-only command has two data bytes
formatted in the Linear_5s_11s format.
READ_VOUT
The READ_VOUT command returns the measured SENSE pin voltage, in Volts. This read-only command has two data
bytes formatted in the Linear_16u format.
READ_IOUT
The READ_IOUT command returns the measured output current, in Amperes. This read-only command has two data
bytes formatted in the Linear_5s_11s format.
READ_TEMPERATURE_1
The READ_TEMPERATURE_1 command returns the measured average die temperature, in degree Celsius. This read-
only command has two data bytes formatted in the Linear_5s_11s format.
PMBUS_REVISION
The PMBUS_REVISION command returns the revision of PMBus specification that the device supports. The LT3074 is
compliant with the PMBus version 1.3, both part I and part II.
This read-only command has one data byte.
IC_DEVICE_ID
The IC_DEVICE_ID command indicates the manufacturer’s ID of the LT3074 using ASCII characters. This read-only
command is in block format.
IC_DEVICE_REV
The IC_DEVICE_REV command indicates the revision of the LT3074 using ASCII characters. This read-only command
is in block format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com