Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3074AVPBF Datasheet(PDF) 47 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 47 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 43Page - Analog Devices LT3074AVPBF Datasheet HTML 44Page - Analog Devices LT3074AVPBF Datasheet HTML 45Page - Analog Devices LT3074AVPBF Datasheet HTML 46Page - Analog Devices LT3074AVPBF Datasheet HTML 47Page - Analog Devices LT3074AVPBF Datasheet HTML 48Page - Analog Devices LT3074AVPBF Datasheet HTML 49Page - Analog Devices LT3074AVPBF Datasheet HTML 50Page - Analog Devices LT3074AVPBF Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
47 of 62
Table 13. WRITE_PROTECT Command Supported Data Bytes
Reg Byte Description
0x80
Disable all writes except to the WRITE_PROTECT command.
0x40
Disable all writes except to the WRITE_PROTECT, PAGE and OPERATION commands.
0x20
Disable all writes except to the WRITE_PROTECT, PAGE, OPERATION and ON_OFF_CONFIG
commands.
0x00
Enable all writes.
Sending a data byte that is not supported by the WRITE_PROTECT command generates an invalid data fault that is
reported in the STATUS_CML register, and the command is ignored.
This command has one data byte.
CAPABILITY
This command provides a way for the host system to determine some key capabilities of a target device.
The LT3074 supports packet error checking, 400kHz bus speeds, and ALERT pin. This read-only command has one
data byte.
VOUT_MODE
The VOUT_MODE command specifies the formatting for the output voltage. This includes the formatting for reporting
the output voltage measured (as reported by the READ_VOUT register) as well as for setting the warning limits (set
by the VOUT_OV_WARN_LIMIT and VOUT_UV_WARN_LIMIT registers). The data byte always reads 0x13 that implies
a L16 (Linear 16 unsigned) format with an exponent fixed to -13.
This read-only command has one data byte.
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the value of the output voltage measured at the SENSE pin, in Volts,
which causes an output voltage high warning. The output voltage measured and converted by the ADC (and reported
using the READ_VOUT command) is used to compare the actual output voltage to the limit value. As a result, there
can be up to a 10ms delay from the time the output voltage hits the limit to the time the fault is reported.
Transitionary faults that last for a time period smaller than the ADC conversion time are filtered out and not reported.
In response to the VOUT_OV_WARN_LIMIT being exceeded, the device:
Sets the NONE_OF_THE_ABOVE bit in STATUS_BYTE register.
Sets the VOUT bit in the STATUS_WORD register.
Sets the VOUT_OV_WARNING bit in the STATUS_VOUT register.
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_16u format.
VOUT_UV_WARN_LIMIT
The VOUT_UV_WARN_LIMIT command sets the value of the output voltage measured at the SENSE pin, in Volts,
which causes an output voltage low warning. The output voltage measured and converted by the ADC (and reported
using the READ_VOUT command) is used to compare the actual output voltage to the limit value. As a result, there



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com