Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 147Page - Microchip Technology PIC18F6X2X Datasheet HTML 148Page - Microchip Technology PIC18F6X2X Datasheet HTML 149Page - Microchip Technology PIC18F6X2X Datasheet HTML 150Page - Microchip Technology PIC18F6X2X Datasheet HTML 151Page - Microchip Technology PIC18F6X2X Datasheet HTML 152Page - Microchip Technology PIC18F6X2X Datasheet HTML 153Page - Microchip Technology PIC18F6X2X Datasheet HTML 154Page - Microchip Technology PIC18F6X2X Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 149
PIC18F6X2X/8X2X
15.0
TIMER4 MODULE
The Timer4 module timer has the following features:
• 8-bit timer (TMR4 register)
• 8-bit period register (PR4)
• Readable and writable (both registers)
• Software programmable prescaler (1:1, 1:4, 1:16)
• Software programmable postscaler (1:1 to 1:16)
• Interrupt on TMR4 match of PR4
Timer4 has a control register shown in Register 15-1.
Timer4 can be shut-off by clearing control bit, TMR4ON
(T4CON<2>), to minimize power consumption. The
prescaler and postscaler selection of Timer4 are also
controlled by this register. Figure 15-1 is a simplified
block diagram of the Timer4 module.
15.1
Timer4 Operation
Timer4 can be used as the PWM time base for the
PWM mode of the CCP module. The TMR4 register is
readable and writable and is cleared on any device
RESET. The input clock (FOSC/4) has a prescale option
of
1:1,
1:4
or
1:16,
selected
by
control
bits
T4CKPS1:T4CKPS0 (T4CON<1:0>). The match out-
put of TMR4 goes through a 4-bit postscaler (which
gives a 1:1 to 1:16 scaling inclusive) to generate a
TMR4 interrupt, latched in flag bit TMR4IF (PIR3<3>).
The prescaler and postscaler counters are cleared
when any of the following occurs:
• a write to the TMR4 register
• a write to the T4CON register
• any device RESET (Power-on Reset, MCLR
Reset, Watchdog Timer Reset, or Brown-out
Reset)
TMR4 is not cleared when T4CON is written.
REGISTER 15-1:
T4CON: TIMER4 CONTROL REGISTER
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
T4OUTPS3 T4OUTPS2 T4OUTPS1 T4OUTPS0 TMR4ON T4CKPS1
T4CKPS0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6-3
T4OUTPS3:T4OUTPS0: Timer4 Output Postscale Select bits
0000
= 1:1 postscale
0001
= 1:2 postscale
•
•
•
1111
= 1:16 postscale
bit 2
TMR4ON: Timer4 On bit
1
= Timer4 is on
0
= Timer4 is off
bit 1-0
T4CKPS1:T4CKPS0: Timer4 Clock Prescale Select bits
00
= Prescaler is 1
01
= Prescaler is 4
1x
= Prescaler is 16
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com