Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 149Page - Microchip Technology PIC18F6X2X Datasheet HTML 150Page - Microchip Technology PIC18F6X2X Datasheet HTML 151Page - Microchip Technology PIC18F6X2X Datasheet HTML 152Page - Microchip Technology PIC18F6X2X Datasheet HTML 153Page - Microchip Technology PIC18F6X2X Datasheet HTML 154Page - Microchip Technology PIC18F6X2X Datasheet HTML 155Page - Microchip Technology PIC18F6X2X Datasheet HTML 156Page - Microchip Technology PIC18F6X2X Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 151
PIC18F6X2X/8X2X
16.0
CAPTURE/COMPARE/PWM
(CCP) MODULES
PIC18F6X2X/8X2X devices all have a total of five CCP
(Capture/Compare/PWM) modules. Two of these
(CCP4 and CCP5) implement standard Capture, Com-
pare and Pulse Width Modulation (PWM) modes, and
are discussed in this section. The other three modules
(ECCP1, ECCP2, ECCP3) implement standard Cap-
ture and Compare modes, as well as enhanced PWM
modes. These are discussed in Section 17.0.
Each CCP/ECCP module contains a 16-bit register
which can operate as a 16-bit Capture register, a 16-bit
Compare register or a PWM Master/Slave Duty Cycle
register. For the sake of clarity, all CCP module opera-
tion in the following sections is described with respect
to CCP4, but is equally applicable to CCP5.
Capture and Compare operations described in this
chapter apply to all standard and enhanced CCP mod-
ules. The operations of PWM mode described in
Section 16.4 applies to CCP4 and CCP5 only.
REGISTER 16-1:
CCPxCON REGISTER (CCP4 AND CCP5 MODULES)
Note:
Throughout this section and Section 17.0,
references to register and bit names that
may be associated with a specific CCP
module are referred to generically by the
use of ‘x’ or ‘y’ in place of the specific mod-
ule number. Thus, “CCPxCON” might refer
to the control register for CCP4 or CCP5, or
ECCP1, ECCP2 or ECCP3. “CCPxCON” is
used throughout these sections to refer to
the module control register, regardless of
whether the CCP module is a standard or
enhanced implementation.
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1 CCPxM0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DCxB1:DCxB0: PWM Duty Cycle bit 1 and bit 0 for CCP Module x
Capture mode:
Unused
Compare mode:
Unused
PWM mode:
These bits are the two LSbits (bit 1 and bit 0) of the 10-bit PWM duty cycle. The eight MSbits
(DCx9:DCx2) of the duty cycle are found in CCPRxL.
bit 3-0
CCPxM3:CCPxM0: CCP Module x Mode Select bits
0000
= Capture/Compare/PWM disabled (resets CCPx module)
0001
= Reserved
0010
= Compare mode, toggle output on match (CCPxIF bit is set)
0011
= Reserved
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode; initialize CCP pin low; on compare match, force CCP pin high
(CCPIF bit is set)
1001
= Compare mode; initialize CCP pin high; on compare match, force CCP pin low
(CCPIF bit is set)
1010
= Compare mode; generate software interrupt on compare match (CCPIF bit is set,
CCP pin reflects I/O state)
1011
= Reserved
11xx
= PWM mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com