Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 153Page - Microchip Technology PIC18F6X2X Datasheet HTML 154Page - Microchip Technology PIC18F6X2X Datasheet HTML 155Page - Microchip Technology PIC18F6X2X Datasheet HTML 156Page - Microchip Technology PIC18F6X2X Datasheet HTML 157Page - Microchip Technology PIC18F6X2X Datasheet HTML 158Page - Microchip Technology PIC18F6X2X Datasheet HTML 159Page - Microchip Technology PIC18F6X2X Datasheet HTML 160Page - Microchip Technology PIC18F6X2X Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 155
PIC18F6X2X/8X2X
TABLE 16-2:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, TIMER1 AND TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 0000
0000 0000
RCON
IPEN
—
—
RI
TO
PD
POR
BOR
0--1 11qq
0--q qquu
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP 1111 1111 1111 1111
PIR2
—
CMIE
—
EEIE
BCLIF
LVDIF
TMR3IF
CCP2IF
-0-0 0000
---0 0000
PIE2
—
CMIF
—
EEIF
BCLIE
LVDIE
TMR3IE
CCP2IE
-0-0 0000
---0 0000
IPR2
—
CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP
-1-1 1111
---1 1111
PIR3
—
—
RC2IF
TX2IF
TMR4IF
CCP5IF
CCP4IF
CCP3IF
--00 0000
--00 0000
PIE3
—
—
RC2IE
TX2IE
TMR4IE
CCP5IE
CCP4IE
CCP3IE --00 0000
--00 0000
IPR3
—
—
RC2IP
TX2IP
TMR4IP
CCP5IP
CCP4IP
CCP3IP --11 1111
--11 1111
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
uuuu uuuu
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
uuuu uuuu
T1CON
RD16
—
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0-00 0000 u-uu uuuu
TMR3H
Timer3 Register High Byte
xxxx xxxx
uuuu uuuu
TMR3L
Timer3 Register Low Byte
xxxx xxxx
uuuu uuuu
T3CON
RD16
T3CCP2
T3CKPS1 T3CKPS0
T3CCP1
T3SYNC TMR3CS TMR3ON 0000 0000
uuuu uuuu
CCPRxL(1)
Capture/Compare/PWM Register x (LSB)
xxxx xxxx
uuuu uuuu
CCPRxH(1)
Capture/Compare/PWM Register x (MSB)
xxxx xxxx
uuuu uuuu
CCPxCON(1)
—
—
DCxB1
DCxB0
CCPxM3
CCPxM2 CCPxM1 CCPxM0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’.
Shaded cells are not used by Capture and Compare, Timer1 or Timer3.
Note
1:
Generic term for all of the identical registers of this name for all CCP modules, where ‘x’ identifies the individual module
(CCP4 and CCP5). Bit assignments and RESET values for all registers of the same generic name are identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com