Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 155Page - Microchip Technology PIC18F6X2X Datasheet HTML 156Page - Microchip Technology PIC18F6X2X Datasheet HTML 157Page - Microchip Technology PIC18F6X2X Datasheet HTML 158Page - Microchip Technology PIC18F6X2X Datasheet HTML 159Page - Microchip Technology PIC18F6X2X Datasheet HTML 160Page - Microchip Technology PIC18F6X2X Datasheet HTML 161Page - Microchip Technology PIC18F6X2X Datasheet HTML 162Page - Microchip Technology PIC18F6X2X Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 157
PIC18F6X2X/8X2X
16.4.3
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the CCP module for PWM operation:
1.
Select TMR2 or TMR4 by setting or clearing the
T3CCP2:T3CCP1 bits in T3CON register.
2.
Set the PWM period by writing to the PR2 or
PR4 register
3.
Set the PWM duty cycle by writing to the
CCPR4L register and CCP4CON<5:4> bits.
4.
Make the CCP4 pin an output by clearing the
TRISG<3> bit.
5.
Set TMR2 or TMR4 prescale value, enable
Timer2 or Timer4 by writing to T2CON or
T4CON.
6.
Configure the CCP4 module for PWM operation.
TABLE 16-3:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 40 MHz
TABLE 16-4:
REGISTERS ASSOCIATED WITH PWM, TIMER2 AND TIMER4
PWM Frequency
2.44 kHz
9.77 kHz
39.06 kHz
156.25 kHz
312.50 kHz
416.67 kHz
Timer Prescaler (1, 4, 16)
16
41111
PR2 Value
FFh
FFh
FFh
3Fh
1Fh
17h
Maximum Resolution (bits)
14
12
10
8
7
6.58
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 0000 0000 0000
RCON
IPEN
—
—
RI
TO
PD
POR
BOR
0--1 11qq 0--q qquu
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF 0000 0000 0000 0000
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE 0000 0000 0000 0000
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP 1111 1111 1111 1111
PIR2
—
CMIE
—
EEIE
BCLIF
LVDIF
TMR3IF
CCP2IF -0-0 0000 ---0 0000
PIE2
—
CMIF
—
EEIF
BCLIE
LVDIE
TMR3IE
CCP2IE -0-0 0000 ---0 0000
IPR2
—
CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP -1-1 1111 ---1 1111
PIR3
—
—
RC2IF
TX2IF
TMR4IF
CCP5IF
CCP4IF
CCP3IF --00 0000 --00 0000
PIE3
—
—
RC2IE
TX2IE
TMR4IE
CCP5IE
CCP4IE
CCP3IE --00 0000 --00 0000
IPR3
—
—
RC2IP
TX2IP
TMR4IP
CCP5IP
CCP4IP
CCP3IP --11 1111 --11 1111
TMR2
Timer2 Module Register
0000 0000 0000 0000
PR2
Timer2 Module Period Register
1111 1111 1111 1111
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC TMR3CS TMR3ON 0000 0000 uuuu uuuu
TMR4
Timer4 Register
0000 0000 uuuu uuuu
PR4
Timer4 Period Register
1111 1111 uuuu uuuu
T4CON
—
T4OUTPS3 T4OUTPS2 T4OUTPS1 T4OUTPS0 TMR4ON T4CKPS1 T4CKPS0 -000 0000 uuuu uuuu
CCPRxL(1)
Capture/Compare/PWM Register x (LSB)
xxxx xxxx uuuu uuuu
CCPRxH(1)
Capture/Compare/PWM Register x (MSB)
xxxx xxxx uuuu uuuu
CCPxCON(1)
—
—
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by PWM,Timer2 or Timer4.
Note
1:
Generic term for all of the identical registers of this name for all CCP modules, where ‘x’ identifies the individual module
(CCP4 and CCP5). Bit assignments and RESET values for all registers of the same generic name are identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com