Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 151Page - Microchip Technology PIC18F6X2X Datasheet HTML 152Page - Microchip Technology PIC18F6X2X Datasheet HTML 153Page - Microchip Technology PIC18F6X2X Datasheet HTML 154Page - Microchip Technology PIC18F6X2X Datasheet HTML 155Page - Microchip Technology PIC18F6X2X Datasheet HTML 156Page - Microchip Technology PIC18F6X2X Datasheet HTML 157Page - Microchip Technology PIC18F6X2X Datasheet HTML 158Page - Microchip Technology PIC18F6X2X Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 153
PIC18F6X2X/8X2X
16.2
Capture Mode
In Capture mode, the CCPR4H:CCPR4L register pair
captures the 16-bit value of the TMR1 or TMR3 regis-
ters when an event occurs on pin RG3/CCP4. An event
is defined as one of the following:
• every falling edge
• every rising edge
• every 4th rising edge
• every 16th rising edge
The event is selected by the mode select bits,
CCP4M3:CCP4M0 (CCP4CON<3:0>). When a cap-
ture is made, the interrupt request flag bit CCP4IF
(PIR3<1>) is set; it must be cleared in software. If
another capture occurs before the value in register
CCPR4 is read, the old captured value is overwritten by
the new captured value.
16.2.1
CCP PIN CONFIGURATION
In Capture mode, the RG3/CCP4 pin should be
configured as an input by setting the TRISG<3> bit.
16.2.2
TIMER1/TIMER3 MODE SELECTION
The timers that are to be used with the capture feature
(Timer1 and/or Timer3) must be running in Timer mode
or Synchronized Counter mode. In Asynchronous
Counter mode, the capture operation may not work.
The timer to be used with each CCP module is selected
in the T3CON register (see Section 16.1.1).
16.2.3
SOFTWARE INTERRUPT
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep bit
CCP4IE (PIE3<1>) clear to avoid false interrupts and
should clear the flag bit, CCP4IF, following any such
change in operating mode.
16.2.4
CCP PRESCALER
There are four prescaler settings in Capture mode; they
are specified as part of the operating mode selected by
the mode select bits (CCP4M3:CCP4M0). Whenever
the CCP module is turned off or the CCP module is not
in Capture mode, the prescaler counter is cleared. This
means that any RESET will clear the prescaler counter.
Switching from one capture prescaler to another may
generate an interrupt. Also, the prescaler counter will
not be cleared, therefore, the first capture may be from
a non-zero prescaler. Example 16-1 shows the recom-
mended method for switching between capture pres-
calers. This example also clears the prescaler counter
and will not generate the “false” interrupt.
EXAMPLE 16-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
FIGURE 16-2:
CAPTURE MODE OPERATION BLOCK DIAGRAM
Note:
If the RG3/CCP4 is configured as an out-
put, a write to the port can cause a capture
condition.
CLRF
CCP4CON
; Turn CCP module off
MOVLW
NEW_CAPT_PS
; Load WREG with the
; new prescaler mode
; value and CCP ON
MOVWF
CCP4CON
; Load CCP1CON with
; this value
CCPR4H
CCPR4L
TMR1H
TMR1L
Set Flag bit CCP4IF
TMR3
Enable
Q’s
CCP1CON<3:0>
RG3/CCP4 pin
Prescaler
÷ 1, 4, 16
and
Edge Detect
TMR3H
TMR3L
TMR1
Enable
T3CCP2
T3CCP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com