Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 158Page - Microchip Technology PIC18F6X2X Datasheet HTML 159Page - Microchip Technology PIC18F6X2X Datasheet HTML 160Page - Microchip Technology PIC18F6X2X Datasheet HTML 161Page - Microchip Technology PIC18F6X2X Datasheet HTML 162Page - Microchip Technology PIC18F6X2X Datasheet HTML 163Page - Microchip Technology PIC18F6X2X Datasheet HTML 164Page - Microchip Technology PIC18F6X2X Datasheet HTML 165Page - Microchip Technology PIC18F6X2X Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 160
Advance Information
 2003 Microchip Technology Inc.
17.1
ECCP Outputs and Configuration
Each of the enhanced CCP modules may have up to
four PWM outputs, depending on the selected
operating mode. These outputs, designated PxA
through PxD, are multiplexed with various I/O pins.
Some ECCP pin assignments are constant, while
others change based on device configuration. For
those pins that do change, the controlling bits are:
• CCP2MX configuration bit (CONFIG3H<0>)
• ECCPMX configuration bit (CONFIG3H<1>)
• Program Memory mode (set by configuration bits
CONFIG3L<1:0>)
The pin assignments for the enhanced CCP modules
are
summarized
in
Table 17-1,
Table 17-2
and
Table 17-3. To configure the I/O pins as PWM outputs,
the proper PWM mode must be selected by setting the
PxMx and CCPxMx bits (CCPxCON<7:6> and <3:0>,
respectively). The appropriate TRIS direction bits for
the corresponding port pins must also be set as
outputs.
17.1.1
USE OF CCP4 AND CCP5 WITH
ECCP1 AND ECCP3
Only ECCP2 module has four dedicated output pins
available for use. Assuming that the I/O ports or other
multiplexed functions on those pins are not needed,
they may be used whenever needed without interfering
with any other CCP module.
ECCP1 and ECCP3, on the other hand, only have
three dedicated output pins: CCPx/P3A, PxB, and PxC.
Whenever these modules are configured for Quad
PWM mode, the pin normally used for CCP4 or CCP5
becomes the D output pins for ECCP3 and ECCP1,
respectively. The CCP4 and CCP5 modules remain
functional but their outputs are overridden.
17.1.2
ECCP MODULE OUTPUTS AND
PROGRAM MEMORY MODES
For PIC18F8X2X devices, the Program Memory mode
of
the
device
(Section 4.1.1)
impacts
both
pin
multiplexing and the operation of the module.
The ECCP2 input/output (CCP2/P2A) can be multi-
plexed to one of three pins. By default, this is RC1 for
all devices; in this case, the default is when CCP2MX
is set and the device is operating in Microcontroller
mode. With PIC18F8X2X devices, three other options
exist. When CCP2MX is not set (= 0) and the device is
in Microcontroller mode, CCP2/P2A is multiplexed to
RE7; in all other Program Memory modes, it is
multiplexed to RB3.
The final option is for CCP2MX to be set while the
device is operating in one of the three other Program
Memory modes. In this case, ECCP1 and ECCP3 oper-
ate as compatible (i.e., single output) CCP modules.
The pins used by their other outputs (PxB through PxD)
are available for other multiplexed functions. ECCP2
continues to operate as an enhanced CCP module
regardless of the Program Memory mode.
TABLE 17-1:
PIN CONFIGURATIONS FOR ECCP1
ECCP Mode
CCP1CON
Configuration
RC2
RE6
RE5
RG4
RH7
RH6
All PIC18F6X2X devices:
Compatible CCP
00xx11xx
CCP1
RE6
RE5
RG4/CCP5
n/a
n/a
Dual PWM
10xx11xx
P1A
P1B
RE5
RG4/CCP5
n/a
n/a
Quad PWM
x1xx11xx
P1A
P1B
P1C
P1D
n/a
n/a
PIC18F8X2X devices, ECCPMX = 1, Microcontroller mode:
Compatible CCP
00xx11xx
CCP1
RE6/AD14
RE5/AD13
RG4/CCP5
RH7/AN15
RH6/AN14
Dual PWM
10xx11xx
P1A
P1B
RE5/AD13
RG4/CCP5
RH7/AN15
RH6/AN14
Quad PWM
x1xx11xx
P1A
P1B
P1C
P1D
RH7/AN15
RH6/AN14
PIC18F8X2X devices, ECCPMX = 0, Microcontroller mode:
Compatible CCP
00xx11xx
CCP1
RE6/AD14
RE5/AD13
RG4/CCP5
RH7/AN15
RH6/AN14
Dual PWM
10xx11xx
P1A
RE6/AD14
RE5/AD13
RG4/CCP5
P1B
RH6/AN14
Quad PWM
x1xx11xx
P1A
RE6/AD14
RE5/AD13
P1D
P1B
P1C
PIC18F8X2X devices, ECCPMX = 1, all other Program Memory modes:
Compatible CCP
00xx11xx
CCP1
RE6/AD14
RE5/AD13
RG4/CCP5
RH7/AN15
RH6/AN14
Legend:
x
= Don’t care, n/a = Not available. Shaded cells indicate pin assignments not used by ECCP1 in a given mode.
Note 1:
With ECCP1 in Quad PWM mode, CCP5’s output is overridden by P1D; otherwise CCP5 is fully operational.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com