Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 157Page - Microchip Technology PIC18F6X2X Datasheet HTML 158Page - Microchip Technology PIC18F6X2X Datasheet HTML 159Page - Microchip Technology PIC18F6X2X Datasheet HTML 160Page - Microchip Technology PIC18F6X2X Datasheet HTML 161Page - Microchip Technology PIC18F6X2X Datasheet HTML 162Page - Microchip Technology PIC18F6X2X Datasheet HTML 163Page - Microchip Technology PIC18F6X2X Datasheet HTML 164Page - Microchip Technology PIC18F6X2X Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 159
PIC18F6X2X/8X2X
17.0
ENHANCED
CAPTURE/COMPARE/PWM
(ECCP) MODULE
The enhanced CCP (ECCP) modules differ from the
standard CCP modules by the addition of enhanced
PWM capabilities. These allow for 2 or 4 output
channels, user selectable polarity, dead band control,
and
automatic
shutdown
and
restart,
and
are
discussed in detail in Section 17.4. Except for the
addition of the special event trigger, Capture and
Compare functions of the ECCP module are the same
as the standard CCP module.
The prototype control register for the enhanced CCP
module is shown in Register 17-1. In addition to the
expanded range of modes available through the
CCPxCON register, the ECCP modules each have two
additional registers associated with enhanced PWM
operation and auto shutdown features. They are:
• ECCPxDEL (Dead band delay)
• ECCPxAS (Auto shutdown configuration)
REGISTER 17-1:
CCPxCON REGISTER (ECCP1, ECCP2 AND ECCP3 MODULES)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PxM1
PxM0
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
bit 7
bit 0
bit 7-6
PxM1:PxM0: Enhanced PWM Output Configuration bits
If CCPxM3:CCPxM2 = 00, 01, 10:
xx
= PxA assigned as Capture/Compare input/output; PxB, PxC, PxD assigned as port pins
If CCPxM3:CCPxM2 = 11:
00
= Single output: PxA modulated, PxB, PxC, PxD assigned as port pins
01
= Full-bridge output forward: P1D modulated; P1A active; P1B, P1C inactive
10
= Half-bridge output: P1A, P1B modulated with dead band control; P1C, P1D assigned
as port pins
11
= Full-bridge output reverse: P1B modulated; P1C active; P1A, P1D inactive
bit 5-4
DCxB1:DCxB0: PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs of the 10-bit PWM duty cycle. The eight MSbs of the duty cycle are
found in CCPRxL.
bit 3-0
CCPxM3:CCPxM0: Enhanced CCP Mode Select bits
0000
= Capture/Compare/PWM off (resets CCPx module)
0001
= Reserved
0010
= Compare mode, toggle output on match
0011
= Capture mode
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, initialize CCP pin low, set output on compare match (set CCPxIF)
1001
= Compare mode, initialize CCP pin high, clear output on compare match (set CCPxIF)
1010
= Compare mode, generate software interrupt only, CCP pin reverts to I/O state
1011
= Compare mode, trigger special event (ECCP resets TMR1 or TMR3, sets CCxIF bit,
ECCP2 trigger starts A/D conversion if A/D module is enabled)(1)
1100
= PWM mode; PxA, PxC active high; PxB, PxD active high
1101
= PWM mode; PxA, PxC active high; PxB, PxD active low
1110
= PWM mode; PxA, PxC active low; PxB, PxD active high
1111
= PWM mode; PxA, PxC active low; PxB, PxD active low
Note 1: Implemented only for ECCP1 and ECCP2; same as ‘1010’ for ECCP3.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com