Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 35 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 31Page - Texas Instruments TLE2662 Datasheet HTML 32Page - Texas Instruments TLE2662 Datasheet HTML 33Page - Texas Instruments TLE2662 Datasheet HTML 34Page - Texas Instruments TLE2662 Datasheet HTML 35Page - Texas Instruments TLE2662 Datasheet HTML 36Page - Texas Instruments TLE2662 Datasheet HTML 37Page - Texas Instruments TLE2662 Datasheet HTML 38Page - Texas Instruments TLE2662 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
regulation (continued)
The functional block diagram shows that the maximum regulated output voltage is limited by the supply voltage.
For the basic configuration,
SCOUT  referenced to GND of the TLE2662 must be less than the total of the
supply voltage minus the voltage loss due to the switches. The voltage loss versus output current due to the
switches can be found in the typical performance curves.
capacitor selection
While the exact values of CIN and COUT are noncritical, good-quality low-ESR capacitors such as solid
tantalum are necessary to minimize voltage losses at high currents. For CIN, the effect of the equivalent series
resistance (ESR) of the capacitor is multiplied by four, since switch currents are approximately two times higher
than output current. Losses occur on both the charge and discharge cycle, which means that a capacitor with
1
Ω of ESR for CIN has the same effect as increasing the output impedance of the switched-capacitor section
by 4
Ω. This represents a significant increase in the voltage losses. COUT is alternately charged and discharged
at a current approximately equal to the output current. The ESR of the capacitor causes a step function to occur
in the output ripple at the switch transitions. This step function degrades the output regulation for changes in
output load current and should be avoided. A technique used is to parallel a smaller tantalum capacitor with a
large aluminum electrolytic capacitor to gain both low ESR and reasonable cost.
output ripple
The peak-to-peak output ripple is determined by the output capacitor and the output current values.
Peak-to-peak output ripple is approximated as shown in equation 4:
DV +
I
O
2fC
O
(4)
where:
∆V = peak-to-peak ripple
fOSC = oscillator frequency
For output capacitors with significant ESR, a second term must be added to account for the voltage step at the
switch transitions. This step is approximately equal to equation 5:
2I
O
ESR of C
O
(5)
power dissipation (switched-capacitor section only)
The power dissipation of any TLE2662 circuit must be limited so that the junction temperature of the device does
not exceed the maximum junction temperature ratings. The total power dissipation is calculated from two
components, the power loss due to voltage drops in the switches, and the power loss due to drive current losses.
The total power dissipated by the TLE2662 is calculated as shown in equation 6:
P
[ (V
CC
–
V
O
)I
O )
(V
CC
)(I
O
) (0.2)
(6)
where both VCC and SCOUT refer to GND. The power dissipation is equivalent to that of a linear regulator. Due
to limitations of the DW package, steps must be taken to dissipate power externally for large input or output
differentials. This is accomplished by placing a resistor in series with CIN as shown in Figure 64. A portion of
the input voltage is dropped across this resistor without affecting the output regulation. Since switch current is
approximately 2.2 times the output current and the resistor causes a voltage drop when CIN is both charging
and discharging, the resistor chosen is as shown in equation 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com