Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 25 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 21Page - Texas Instruments TLE2662 Datasheet HTML 22Page - Texas Instruments TLE2662 Datasheet HTML 23Page - Texas Instruments TLE2662 Datasheet HTML 24Page - Texas Instruments TLE2662 Datasheet HTML 25Page - Texas Instruments TLE2662 Datasheet HTML 26Page - Texas Instruments TLE2662 Datasheet HTML 27Page - Texas Instruments TLE2662 Datasheet HTML 28Page - Texas Instruments TLE2662 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
switched-capacitor section (continued)
The TLE2662, with its high-output-drive amplifiers and switched-capacitor voltage converter, readily lends itself
to applications like headphone drivers where large signal swing into heavy loads is paramount. Another
application is analog-to-digital interfacing when only a single rail is available to the system, but maximization
of the ADC dynamic range is key. See Figure 48 for the functional block diagram of the switched-capacitor block.
typical application
In its most basic configuration, the TLE2662 switched-capacitor section is used as a voltage inverter to provide
the negative rail for the amplifiers in a single-supply system. As shown in Figure 49, the positive 5-V supply is
connected to both VCC+ and SCIN. VCC– is connected to the output of the charge pump, SCOUT. Only three
external components (excluding the resistors used with the amplifiers) are necessary: the storage capacitors,
CIN and COUT, and a fast-recovery Schottky diode to clamp SCOUT during start up. The diode is necessary
because the amplifiers present a load referenced to the positive rail and tends to pull SCOUT above ground,
which can cause the device to fail to start up (see pin functions section in APPLICATION INFORMATION). As
shown in Figure 50, one amplifier is shown driving a resistive load; the other is interfacing to an analog-to-digital
converter (ADC).
Filter
Shutdown
RL
RF
RF
To ADC
5 V
RF
RIN
+
+
COUT
1
2
3
4
5
6
7
8
1OUT
1IN –
1IN +
VCC –
SCOUT
SCREF
OSC
SCIN
16
15
14
13
12
11
10
9
VCC +
2OUT
2IN –
2IN +
CAP –
GND
CAP +
FB/SD
CIN
Signal
From
Preamplifier
Signal
From
Transducer
1N4933
Figure 49. Switched-Capacitor Block Supplying Negative Rail for Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com