Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 13Page - Texas Instruments TLE2662 Datasheet HTML 14Page - Texas Instruments TLE2662 Datasheet HTML 15Page - Texas Instruments TLE2662 Datasheet HTML 16Page - Texas Instruments TLE2662 Datasheet HTML 17Page - Texas Instruments TLE2662 Datasheet HTML 18Page - Texas Instruments TLE2662 Datasheet HTML 19Page - Texas Instruments TLE2662 Datasheet HTML 20Page - Texas Instruments TLE2662 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
OPERATIONAL AMPLIFIER SECTION
Figure 23
t – Time –
µs
0
– 50
– 100
01
50
VOLTAGE-FOLLOWER SMALL-SIGNAL
PULSE RESPONSE
100
23
VCC
± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
Figure 24
01
23
VOLTAGE-FOLLOWER SMALL-SIGNAL
PULSE RESPONSE
0
– 50
– 100
50
100
t – Time –
µs
VCC
± = ±15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
Figure 25
VCC
± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
t – Time –
µs
2
0
– 1
– 2
4
1
0
5
10
15
3
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
Figure 26
t – Time –
µs
0
– 5
– 10
– 15
0
5
10
15
10
20
30
40
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
VCC
± = ±15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
† Data applies for the amplifier block only; the switched-capacitor block is not supplying VCC– supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com