Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 33 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 29Page - Texas Instruments TLE2662 Datasheet HTML 30Page - Texas Instruments TLE2662 Datasheet HTML 31Page - Texas Instruments TLE2662 Datasheet HTML 32Page - Texas Instruments TLE2662 Datasheet HTML 33Page - Texas Instruments TLE2662 Datasheet HTML 34Page - Texas Instruments TLE2662 Datasheet HTML 35Page - Texas Instruments TLE2662 Datasheet HTML 36Page - Texas Instruments TLE2662 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
pin functions (continued)
CAP+ is the positive side of input capacitor (CIN) and is alternately driven between VCC and ground. When
driven to VCC, CAP+ sources current from VCC. When driven to ground, CAP+ sinks current to ground. CAP–
is the negative side of the input capacitor and is driven alternately between ground and SCOUT. When driven
to ground, CAP– sinks current to ground. When driven to SCOUT, CAP– sources current from COUT. In all
cases, current flow in the switches is unidirectional as should be expected when using bipolar switches.
OSC can be used to raise or lower the oscillator frequency or to synchronize the device to an external clock.
Internally, OSC is connected to the oscillator timing capacitor (Ct ≈ 150 pF), which is alternately charged and
discharged by current sources of
±7 µA, so that the duty cycle is approximately 50%. The TLE2662
switched-capacitor section oscillator is designed to run in the frequency band where switching losses are
minimized. However, the frequency can be raised, lowered, or synchronized to an external system clock if
necessary.
The frequency can be increased by adding an external capacitor (C2 in Figure 62) in the range of 5 pF – 20 pF
from CAP+ to OSC. This capacitor couples a charge into Ct at the switch transitions. This shortens the charge
and discharge time and raises the oscillator frequency. Synchronization can be accomplished by adding an
external pullup resistor from OSC to SCREF . A 20-k
Ω pullup resistor is recommended. An open-collector gate
or an npn transistor can then be used to drive OSC at the external clock frequency as shown in Figure 62. The
frequency can be lowered by adding an external capacitor (C1 in Figure 62) from OSC to ground. This increases
the charge and discharge times, which lowers the oscillator frequency.
1OUT
1IN –
1IN +
VCC –
SCOUT
SCREF
OSC
SCIN
VCC +
2OUT
2IN –
2IN +
CAP –
GND
CAP +
FB/SD
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C2
+
SCIN
C1
+
COUT
CIN
Figure 62. External Clock System
The feedback/shutdown (FB/SD) pin has two functions. Pulling FB/SD below the shutdown threshold (
≈ 0.45 V)
puts the device into shutdown. In shutdown, the reference/regulator is turned off and switching stops. The
switches are set such that both CIN and COUT are discharged through the output load. Quiescent current in
shutdown drops to approximately 100
µA . Any open-collector gate can be used to put the TLE2662 into
shutdown. For normal (unregulated) operation, the device restarts when the external gate is shut off. In
TLE2662 circuits that use the regulation feature, the external resistor divider can provide enough pulldown to
keep the device in shutdown until the output capacitor (COUT) has fully discharged. For most applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com