Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 17Page - Texas Instruments TLE2662 Datasheet HTML 18Page - Texas Instruments TLE2662 Datasheet HTML 19Page - Texas Instruments TLE2662 Datasheet HTML 20Page - Texas Instruments TLE2662 Datasheet HTML 21Page - Texas Instruments TLE2662 Datasheet HTML 22Page - Texas Instruments TLE2662 Datasheet HTML 23Page - Texas Instruments TLE2662 Datasheet HTML 24Page - Texas Instruments TLE2662 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
SWITCHED-CAPACITOR SECTION
Figure 38
25
15
025
50
75
OSCILLATOR FREQUENCY
vs
FREE-AIR TEMPERATURE
35
100
21
TA – Free-Air Temperature – °C
VCC = 15 V
VCC = 3.5 V
– 50
– 25
19
17
23
27
29
31
33
– 75
Figure 39
60
40
20
0
05
80
100
SUPPLY CURRENT IN SHUTDOWN
vs
INPUT VOLTAGE
120
10
15
VI – Input Voltage – V
V(FB/SD) = 0
Figure 40
40
20
120
0
020
40
60
80
60
100
AVERAGE SUPPLY CURRENT
vs
OUTPUT CURRENT
140
80
100
IO – Output Current – mA
TA = 25°C
Figure 41
0.4
0.2
1.2
0
0
10
20304050
60
0.8
0.6
1
OUTPUT VOLTAGE LOSS
vs
INPUT CAPACITANCE
1.4
70
80
90
100
IO = 100 mA
IO = 50 mA
IO = 10 mA
Inverter Configuration
COUT = 100-
µF Tantalum
Ci – Input Capacitance – µF
fosc = 25 kHz
† Data applies for the switched-capacitor block only. Amplifier block is not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com