Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 4Page - Texas Instruments TLE2662 Datasheet HTML 5Page - Texas Instruments TLE2662 Datasheet HTML 6Page - Texas Instruments TLE2662 Datasheet HTML 7Page - Texas Instruments TLE2662 Datasheet HTML 8Page - Texas Instruments TLE2662 Datasheet HTML 9Page - Texas Instruments TLE2662 Datasheet HTML 10Page - Texas Instruments TLE2662 Datasheet HTML 11Page - Texas Instruments TLE2662 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SWITCHED-CAPACITOR SECTION
electrical characteristics over recommended supply voltage range and at specified free-air
temperature
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
UNIT
Regulated output voltage,
RL(SCOUT) = 500 Ω
SCIN = 7 V,
See Note 7
25
°C
– 5.2
–5
– 4.7
V
gg ,
SCOUT
RL(SCOUT) = 500 Ω
SCIN = 5 V,
See Note 8
25
°C
– 4.25
–4
– 3.75
V
Input regulation
RL(SCOUT) = 500 Ω
SCIN = 7 V to 12 V,
See Note 7
Full range
5
25
mV
Input regulation
RL(SCOUT) = 500 Ω
SCIN = 5 V to 15 V,
See Note 8
Full range
27
mV
Output regulation
RL(SCOUT) = 100 Ω to 500 Ω
SCIN = 7 V,
See Note 7
Full range
10
50
mV
Output regulation
RL(SCOUT) = 100 Ω to 500 Ω
SCIN = 5 V,
See Note 8
Full range
100
mV
Voltage loss, SCIN –
SCOUT
SCIN = 7 V,
IO = 10 mA
Full range
0.35
0.55
V
g,
(see Note 9)
,
CIN = COUT = 100-
µF tantalum
IO = 100 mA
Full range
1.1
1.6
V
Output resistance
SCIN = 7 V,
See Note 10
∆IO = 10 mA to 100 mA,
Full range
10
15
Ω
Oscillator frequency
Full range
15
25
35
kHz
SCIN=7V
I f =60 µA
25
°C
2.35
2.5
2.65
V
Reference voltage V f
SCIN = 7 V,
Iref = 60 µA
Full range
2.25
2.75
V
Reference voltage, Vref
SCIN=5V
I f =50 µA
25
°C
2.35
2.5
2.65
V
SCIN = 5 V,
Iref = 50 µA
Full range
2.25
2.75
V
Maximum switch current
25
°C
300
mA
Supply current IS
IO =0
SCIN = 3.5 V
Full range
2.5
3.5
mA
Supply current, IS
IO = 0
SCIN = 15 V
Full range
3
4.5
mA
Supply current in shutdown
V(FB/SD) = 0,
IO = 0,
SCIN = 5 V
Full range
100
150
µA
† Data applies for the switched-capacitor block only. Amplifier block is not connected.
‡ Full range is – 40
°C to 85°C.
NOTES:
7. All regulation specifications are for the switched-capacitor section connected as a positive to negative converter/regulator with
R1 = 20 k
Ω, R2 = 102.5 kΩ, CIN = 10 µF (tantalum), COUT = 100 µF (tantalum) and C1 = 0.002 µF (see Figure 63).
8. All regulation specifications are for the switched-capacitor section connected as a positive to negative converter/regulator with
R1 = 23.7 k
Ω, R2 = 102.2 kΩ, CIN = 10 µF (tantalum), COUT = 100 µF (tantalum) and C1 = 0.002 µF (see Figure 63).
9. For voltage-loss tests, the switched-capacitor section is connected as a voltage inverter, with SCREF, OSC, and FB/SD
unconnected. The voltage losses may be higher in other configurations.
10. Output resistance is defined as the slope of the curve (
∆VO vs ∆IO) for output currents of 10 mA to 100 mA. This represents the linear
portion of the curve. The incremental slope of the curve is higher at currents less than 10 mA due to the characteristics of the switch
transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com