Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 18Page - Texas Instruments TLE2662 Datasheet HTML 19Page - Texas Instruments TLE2662 Datasheet HTML 20Page - Texas Instruments TLE2662 Datasheet HTML 21Page - Texas Instruments TLE2662 Datasheet HTML 22Page - Texas Instruments TLE2662 Datasheet HTML 23Page - Texas Instruments TLE2662 Datasheet HTML 24Page - Texas Instruments TLE2662 Datasheet HTML 25Page - Texas Instruments TLE2662 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
SWITCHED-CAPACITOR SECTION
Figure 42
0
1
10
100
OUTPUT VOLTAGE LOSS
vs
OSCILLATOR FREQUENCY
2
1
fosc – Oscillator Frequency – kHz
IO = 100 mA
IO = 50 mA
IO = 10 mA
Inverter Configuration
CIN = 10-
µF Tantalum
COUT = 100-
µF Tantalum
0.25
0.5
0.75
1.25
1.5
1.75
2.25
2.5
Figure 43
0
1
10
100
OUTPUT VOLTAGE LOSS
vs
OSCILLATOR FREQUENCY
2
1
fosc – Oscillator Frequency – kHz
IO = 100 mA
IO = 50 mA
IO = 10 mA
Inverter Configuration
CIN = 100-
µF Tantalum
COUT= 100-
µF Tantalum
0.25
0.5
0.75
1.25
1.5
1.75
2.25
2.5
Figure 44
REGULATED OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–12
–12.4
– 4.9
–12.6
025
50
– 5.1
–11.8
– 5
– 4.7
75
100
– 4.8
–11.6
–12.2
TA – Free-Air Temperature – °C
–50
– 25
Figure 45
REFERENCE VOLTAGE CHANGE
vs
FREE-AIR TEMPERATURE
– 40
– 80
60
– 100
– 50
– 25
0
25
50
20
– 20
40
100
75
100
80
0
– 60
TA – Free-Air Temperature – °C
SCREF = 2.5 V
TA = 25°C
† Data applies for the switched-capacitor block only. Amplifier block is not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com