Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 7Page - Texas Instruments TLE2662 Datasheet HTML 8Page - Texas Instruments TLE2662 Datasheet HTML 9Page - Texas Instruments TLE2662 Datasheet HTML 10Page - Texas Instruments TLE2662 Datasheet HTML 11Page - Texas Instruments TLE2662 Datasheet HTML 12Page - Texas Instruments TLE2662 Datasheet HTML 13Page - Texas Instruments TLE2662 Datasheet HTML 14Page - Texas Instruments TLE2662 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
operational amplifier section
FIGURE
VIO
Input offset voltage
Distribution
5
IIB
Input bias current
vs Free-air temperature
6
IIO
Input offset current
vs Free-air temperature
6
VIC
Common-mode input voltage
vs Free-air temperature
7
VOM
Maximum peak output voltage
vs Output current
8, 9
VOM
Maximum peak output voltage
vs Supply voltage
10,11,12
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
13, 14
AVD
Differential voltage amplification
vs Frequency
15
AVD
Differential voltage amplification
qy
vs Free-air temperature
16
IOS
Short circuit output current
vs Time
17
IOS
Short-circuit output current
vs Free-air temperature
18
zo
Output impedance
vs Frequency
19
CMRR
Common-mode rejection ratio
vs Frequency
20
ICC
Supply current
vs Supply voltage
21
ICC
Supply current
yg
vs Free-air temperature
22
Pulse response
Small signal
23, 24
Pulse response
g
Large signal
25, 26
Noise voltage (referenced to input)
0.1 to 10 Hz
27
Vn
Equivalent input noise voltage
vs Frequency
28
THD
Total harmonic distortion
vs Frequency
29, 30
B1
Unity gain bandwidth
vs Supply voltage
31
B1
Unity-gain bandwidth
yg
vs Free-air temperature
32
vs Supply voltage
33
φm
Phase margin
yg
vs Load capacitance
34
φm
g
vs Free-air temperature
35
Phase shift
vs Frequency
15
switched-capacitor section
Shutdown threshold voltage
vs Free-air temperature
36
ICC
Supply current
vs Input voltage
37
fosc
Oscillator frequency
vs Free-air temperature
38
Supply current in shutdown
vs Input voltage
39
Average supply current
vs Output current
40
Output voltage loss
vs Input capacitance
41
Output voltage loss
vs Oscillator frequency
42, 43
VO
Regulated output voltage
vs Free-air temperature
44
Reference voltage change
vs Free-air temperature
45
Voltage loss
vs Output current
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com