Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 37 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 32Page - Texas Instruments TLE2662 Datasheet HTML 33Page - Texas Instruments TLE2662 Datasheet HTML 34Page - Texas Instruments TLE2662 Datasheet HTML 35Page - Texas Instruments TLE2662 Datasheet HTML 36Page - Texas Instruments TLE2662 Datasheet HTML 37Page - Texas Instruments TLE2662 Datasheet HTML 38Page - Texas Instruments TLE2662 Datasheet HTML 39Page - Texas Instruments TLE2662 Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power dissipation (continued)
The resistor reduces the power dissipated by the TLE2662 by (4.9 V) (100 mA) = 490 mW. The total power
dissipated by the TLE2662 is equal to (940 mW – 490 mW) = 450 mW. The junction temperature rise is 58
°C.
Although commercial devices are functional up to a junction temperature of 125
°C, the specifications are tested
to a junction temperature of 100
°C. In this example, this means limiting the ambient temperature to 42°C. To
allow higher ambient temperatures, the thermal resistance numbers for the TLE2662 packages represent
worst-case numbers with no heat sinking and still air. Small clip-on heat sinks can be used to lower the thermal
resistance of the TLE2662 package. Airflow in some systems helps to lower the thermal resistance. Wide PC
board traces from the TLE2662 leads helps to remove heat from the device. This is especially true for plastic
packages.
basic voltage inverter
The switched-capacitor block is connected as a basic voltage inverter with regulation as shown in Figure 65.
The magnitude of SCIN must exceed that of the desired SCOUT to accommodate voltage losses due to
switching and regulation. Losses of 1 V to 2 V are typical.
1OUT
1IN –
1IN +
VCC –
SCOUT
SCREF
OSC
SCIN
VCC +
2OUT
2IN –
2IN +
CAP –
GND
CAP +
FB/SD
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
+
SCIN
+
R2
R1
SCOUT
100
µF
0.002
µF
+
10
µF
2
µF
+
R2
+ R1
| SCOUT |
SCREF
2
* 40 mV
) 1
+ R1
| SCOUT |
1.121 V
) 1
Figure 65. Basic Voltage Inverter/Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com