Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 14Page - Texas Instruments TLE2662 Datasheet HTML 15Page - Texas Instruments TLE2662 Datasheet HTML 16Page - Texas Instruments TLE2662 Datasheet HTML 17Page - Texas Instruments TLE2662 Datasheet HTML 18Page - Texas Instruments TLE2662 Datasheet HTML 19Page - Texas Instruments TLE2662 Datasheet HTML 20Page - Texas Instruments TLE2662 Datasheet HTML 21Page - Texas Instruments TLE2662 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
OPERATIONAL AMPLIFIER SECTION
Figure 27
– 1
01
2
3
4
5
8
t – Time – s
NOISE VOLTAGE
(REFERRED TO INPUT)
0.1 TO 10 Hz
1
910
0.5
0
– 0.5
67
VCC
± = ±15 V
TA = 25°C
Figure 28
60
40
20
0
1
10
100
80
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
100
1 k
10 k
VDD
± = ±5 V
RS = 20 Ω
TA = 25°C
See Figure 2
Figure 29
0.2
0
10
100
1 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0.3
10 k
100 k
0.1
VCC
± = ±5 V
Source Signal
0.5
0.15
0.25
AVD = 2
VO(PP)=2V
TA = 25°C
Figure 30
100 k
10 k
1 k
100
10
0.3
0
f – Frequency – Hz
0.6
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0.5
0.4
0.2
0.1
VCC
± = ±5 V
Source Signal
AVD = 10
VO(PP)=2V
TA = 25°C
† Data applies for the amplifier block only; the switched-capacitor block is not supplying VCC– supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com