Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 20Page - Texas Instruments TLE2662 Datasheet HTML 21Page - Texas Instruments TLE2662 Datasheet HTML 22Page - Texas Instruments TLE2662 Datasheet HTML 23Page - Texas Instruments TLE2662 Datasheet HTML 24Page - Texas Instruments TLE2662 Datasheet HTML 25Page - Texas Instruments TLE2662 Datasheet HTML 26Page - Texas Instruments TLE2662 Datasheet HTML 27Page - Texas Instruments TLE2662 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
amplifier section
input characteristics
The TLE2662 is specified with a minimum and a maximum input voltage that if exceeded at either input, could
cause the device to malfunction.
Because of the extremely high input impedance and resulting low bias-current requirements, the TLE2662
operational amplifier section is well suited for low-level signal processing; however, leakage currents on printed-
circuit boards and sockets can easily exceed bias-current requirements and cause degradation in system
performance. It is a good practice to include guard rings around inputs (see Figure 47). These guards should
be driven from a low-impedance source at the same voltage level as the common-mode input.
The inputs of any unused amplifiers should be tied to ground to avoid possible oscillation.
+
+
+
–
–
–
VO
VO
VO
VI
VI
VI
Figure 47. Use of Guard Rings
switched-capacitor section
SCREF
REF
+
–
OSC
Q
Q
Drive
Drive
CAP +
VCC
Drive
Drive
GND
SCOUT
FB/SD
OSC
R
R
2.5 V
CAP –
COUT†
CIN†
† External capacitors
Figure 48. Functional Block Diagram for Switched-Capacitor Block Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com