Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 19 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 15Page - Texas Instruments TLE2662 Datasheet HTML 16Page - Texas Instruments TLE2662 Datasheet HTML 17Page - Texas Instruments TLE2662 Datasheet HTML 18Page - Texas Instruments TLE2662 Datasheet HTML 19Page - Texas Instruments TLE2662 Datasheet HTML 20Page - Texas Instruments TLE2662 Datasheet HTML 21Page - Texas Instruments TLE2662 Datasheet HTML 22Page - Texas Instruments TLE2662 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
OPERATIONAL AMPLIFIER SECTION
Figure 31
1
02
4
6
8
10
2
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
2.5
12
1.5
14
16
|VCC
±| – Supply Voltage – V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 3
Figure 32
TA – Free-Air Temperature – °C
– 75
– 50
– 25
0
25
50
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
75
100
1
2
2.5
1.5
RL = 10 kΩ
CL = 100 pF
See Figure 3
VCC
± = ±15 V
VCC
± = ±5 V
Figure 33
55
°
56
°
57
°
58
°
59
°
60
°
61
°
62
°
0
2
4
6
8
10
12
PHASE MARGIN
vs
SUPPLY VOLTAGE
14
16
|VCC
±| – Supply Voltage – V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 3
Figure 34
CL – Load Capacitance – pF
20
°
30
°
40
°
50
°
60
°
0
200
400
600
PHASE MARGIN
vs
LOAD CAPACITANCE
800
1000
10
°
0
°
VCC
± = ±15 V
RL = 10 kΩ
TA = 25°C
See Figure 3
† Data applies for the amplifier block only; the switched-capacitor block is not supplying VCC– supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com