Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 1 Page - Texas Instruments

  TLE2662 Datasheet HTML 1Page - Texas Instruments TLE2662 Datasheet HTML 2Page - Texas Instruments TLE2662 Datasheet HTML 3Page - Texas Instruments TLE2662 Datasheet HTML 4Page - Texas Instruments TLE2662 Datasheet HTML 5Page - Texas Instruments TLE2662 Datasheet HTML 6Page - Texas Instruments TLE2662 Datasheet HTML 7Page - Texas Instruments TLE2662 Datasheet HTML 8Page - Texas Instruments TLE2662 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Supply Operation With Rail-to-Rail
Inputs
D VOL = 0.000 V While Sinking 25 mA
D Wide VCC Range... 3.5 V to 15 V
D SCOUT Supplies up to 100 mA for External
Loads
D Shutdown Mode
D External 2.5-V Voltage Reference Available
description
The TLE2662 offers the advantages of JFET-input
operational amplifiers and rail-to-rail common-
mode input voltage range with the convenience of single-supply operation. By combining a switched-capacitor
voltage converter with a dual operational amplifier in a single package, Texas Instruments now gives circuit
designers new options for conditioning low-level signals in single-supply systems.
The TLE2662 features two low power, high-output drive JFET-input operational amplifiers with a switched-
capacitor building block. Using two external capacitors, the switched-capacitor network can be configured as
a voltage inverter, generating a negative supply voltage capable of sourcing up to 100 mA. This supply functions
not only as the amplifier negative rail but is also available to drive external circuitry. In this configuration, the
amplifier common-mode input voltage range extends from the positive rail to below ground, providing true
rail-to-rail inputs from a single supply. Furthermore, the outputs can swing to and below ground while sinking
over 25 mA. This feature was previously unavailable in operational amplifier circuits. The TLE2662 operational
amplifier section has output stages that can drive 100-
Ω loads to 2.5 V from a 5-V rail. With a 10-kΩ load, the
output swing extends to 3.5 V and can include the positive rail with a pullup resistor.
This operational amplifier offers the high slew rate, wide bandwidth, and high input impedance commonly
associated with JFET-input amplifiers, making the TLE2662 operational amplifier section suited for amplifying
fast signals without loading the signal source. When not sourcing or sinking current into a load, the amplifier
consumes only microamperes of supply current, thereby reducing the drain on and extending the life of the
power supply.
The TLE2662 features a shutdown pin (FB/SD), which can be used to disable the switched capacitor section.
When disabled, the voltage converter block draws less than 150
µA from the power supply. This feature,
combined with the operational amplifier’s low quiescent current, makes the TLE2662 a real power saver in the
standby mode.
The switched-capacitor building block also provides an on-board regulator; with the addition of an external
divider, a well-regulated output voltage is easily obtained. Additional filtering can be added to minimize switching
noise. The internal oscillator runs at a nominal frequency of 25 kHz. This can be synchronized to an external
clock signal or can be varied using an external capacitor. A 2.5-V reference is brought out to SCREF for use
with the on-board regulator or external circuitry.
The TLE2662 is characterized for operation over the industrial temperature range of – 40
°C to 85°C. This device
is available in a 16-pin wide-body surface-mount package.
AVAILABLE OPTION
PACKAGE
TA
SMALL OUTLINE
(DW)
–40
°C to 85°C
TLE2662IDW
The DW package is available taped and reeled. Add
the suffix R to the device type (i.e., TLE2662IDWR).
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN –
1IN +
VCC–
SCOUT
SCREF
OSC
SCIN
VCC+
2OUT
2IN –
2IN +
CAP –
GND
CAP +
FB/SD
DW PACKAGE
(TOP VIEW)


Similar Part No. - TLE2662

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2682 TI1-TLE2682 Datasheet
712Kb / 49P
HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
TLE2682IDW TI1-TLE2682IDW Datasheet
712Kb / 49P
HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
TLE2682IDWR TI1-TLE2682IDWR Datasheet
712Kb / 49P
HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
More results

Similar Description - TLE2662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-215 AD-OP-215 Datasheet
393Kb / 8P
DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092 Datasheet
101Kb / 6P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092_06 Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TLE2682 TI1-TLE2682 Datasheet
712Kb / 49P
HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215GS AD-OP215GS Datasheet
145Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_15 Datasheet
163Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
logo
Texas Instruments
LF412C TI1-LF412C Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
Dual Precision JFET-Input Operational Amplifier
23-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com