Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 28Page - Texas Instruments TLE2662 Datasheet HTML 29Page - Texas Instruments TLE2662 Datasheet HTML 30Page - Texas Instruments TLE2662 Datasheet HTML 31Page - Texas Instruments TLE2662 Datasheet HTML 32Page - Texas Instruments TLE2662 Datasheet HTML 33Page - Texas Instruments TLE2662 Datasheet HTML 34Page - Texas Instruments TLE2662 Datasheet HTML 35Page - Texas Instruments TLE2662 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
pin functions (see functional block diagram – converter)
Supply voltage (SCIN) alternately charges CIN to the input voltage when CIN is switched in parallel with the
input supply, and then transfers charge to COUT when CIN is switched in parallel with COUT. Switching
occurs at the oscillator frequency. During the time that CIN is charging, the peak supply current is
approximately 2.2 times the output current. During the time that CIN is delivering a charge to COUT, the
supply current drops to approximately 0.2 times the output current. An input supply bypass capacitor supplies
part of the peak input current drawn by the TLE2662 switched-capacitor section and averages out the current
drawn from the supply. A minimum input supply bypass capacitor of 2
µF, preferably tantalum or some other
low-ESR type, is recommended. A larger capacitor is desirable in some cases. An example is when the actual
input supply is connected to the TLE2662 through long leads or when the pulse currents drawn by the
TLE2662 might affect other circuits through supply coupling.
In addition to being the output pin, SCOUT is tied to the substrate of the device. Special care must be taken in
TLE2662 circuits to avoid making SCOUT positive with respect to any of the other pins. For circuits with the
output load connected from VCC+ to SCOUT or from some external positive supply voltage to SCOUT, an
external Schottky diode must be added (see Figure 61). This diode prevents SCOUT from being pulled above
the GND during start up. A fast-recovery diode such as IN4933 with low forward voltage (Vf ≈ 0.2 V) can be
used.
IN4933
Load
SCOUT
1OUT
1IN –
1IN +
VCC –
SCOUT
SCREF
OSC
SCIN
VCC +
2OUT
2IN –
2IN +
CAP –
GND
CAP +
FB/SD
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COUT
CIN
+
+
VCC+ or External Supply Voltage
Figure 61. Circuit With Load Connected From VCC to SCOUT
The voltage reference (SCREF) output provides a 2.5-V reference point for use in TLE2662-based regulator
circuits. The temperature coefficient (TC) of the reference voltage has been adjusted so that the TC of the
regulated output voltage is near zero. As seen in the typical performance curves, this requires the reference
output to have a positive TC. This nonzero drift is necessary to offset a drift term inherent in the internal
reference divider and comparator network tied to the feedback pin. The overall result of these drift terms is a
regulated output that has a slight positive TC at output voltages below 5 V and a slight negative TC at output
voltages above 5 V. For regulator-feedback networks, reference output current should be limited to
approximately 60
µA. SCREF draws approximately 100 µA when shorted to ground and does not affect the
internal reference/regulator. This pin can also be used as a pullup for TLE2662 circuits that require
synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com