Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 24Page - Texas Instruments TLE2662 Datasheet HTML 25Page - Texas Instruments TLE2662 Datasheet HTML 26Page - Texas Instruments TLE2662 Datasheet HTML 27Page - Texas Instruments TLE2662 Datasheet HTML 28Page - Texas Instruments TLE2662 Datasheet HTML 29Page - Texas Instruments TLE2662 Datasheet HTML 30Page - Texas Instruments TLE2662 Datasheet HTML 31Page - Texas Instruments TLE2662 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
typical application (continued)
Figure 54
0
10
20304050
6070
8090
100
t – Time –
µs
RIPPLE AND SWITCHING NOISE ON
AMPLIFIER OUTPUT
vs
TIME
VOL+8
VOL+6
VOL+4
VOL+2
VOL
VOL–2
VOL–4
VOL–6
VOL–8
Filter:
LF = 50 µH
CF = 220 µF
See Figure 53
CIN = 100
µF
COUT = 10
µF
VCC+ = 5 V
RL = 600 Ω
Figure 55
0
10
20304050
6070
8090
100
t – Time –
µs
RIPPLE AND SWITCHING NOISE ON
AMPLIFIER OUTPUT
vs
TIME
VOL+8
VOL+6
VOL+4
VOL+2
VOL
VOL–2
VOL–4
VOL–6
VOL–8
Filter:
VCC+ = 5 V
RL = 600 Ω
CIN = 100
µF
COUT = 100
µF
LF = 50 µH
CF = 220 µF
See Figure 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com