Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 9Page - Texas Instruments TLE2662 Datasheet HTML 10Page - Texas Instruments TLE2662 Datasheet HTML 11Page - Texas Instruments TLE2662 Datasheet HTML 12Page - Texas Instruments TLE2662 Datasheet HTML 13Page - Texas Instruments TLE2662 Datasheet HTML 14Page - Texas Instruments TLE2662 Datasheet HTML 15Page - Texas Instruments TLE2662 Datasheet HTML 16Page - Texas Instruments TLE2662 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
OPERATIONAL AMPLIFIER SECTION
Figure 9
IO – Output Current – mA
– 10
– 8
– 2
0
0
5
10
15
20
25
30
– 14
– 18
MAXIMUM NEGATIVE PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
– 20
35
40
– 6
– 16
– 12
– 4
VCC
± = ±15 V
VCC
± = ±5 V
TA = 25°C
Figure 10
|VCC
±| – Supply Voltage – V
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
0
– 5
– 15
– 20
02
4
6
8
10
12
5
15
20
14
16
– 10
10
RL = 10 kΩ
TA = 25°C
VOM +
VOM –
Figure 11
|VCC
±| – Supply Voltage – V
20
15
10
5
0
– 5
– 10
– 15
– 20
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
02
4
6
8
10
12
14
16
RL = 600 Ω
TA = 25°C
VOM +
VOM –
Figure 12
|VCC
±| – Supply Voltage – V
0
– 2
– 4
– 6
0
246
2
4
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
6
8
RL = 100 Ω
TA = 25°C
VOM +
VOM –
† Data applies for the amplifier block only; the switched-capacitor block is not supplying VCC– supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com