Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2662 Datasheet(PDF) 30 Page - Texas Instruments

Part # TLE2662
Description  DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2662 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLE2662 Datasheet HTML 26Page - Texas Instruments TLE2662 Datasheet HTML 27Page - Texas Instruments TLE2662 Datasheet HTML 28Page - Texas Instruments TLE2662 Datasheet HTML 29Page - Texas Instruments TLE2662 Datasheet HTML 30Page - Texas Instruments TLE2662 Datasheet HTML 31Page - Texas Instruments TLE2662 Datasheet HTML 32Page - Texas Instruments TLE2662 Datasheet HTML 33Page - Texas Instruments TLE2662 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
TLE2662
DUAL
µPOWER JFET-INPUT OPERATIONAL AMPLIFIER
WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
SLOS118B – DECEMBER 1992 – REVISED AUGUST 1994
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
precision measurement techniques (continued)
Restart
RL
RF
RI
To ADC
5 V
RF
RI
+
+
1
2
3
4
5
6
7
8
1OUT
1IN –
1IN +
VCC –
SCOUT
SCREF
OSC
SCIN
16
15
14
13
12
11
10
9
VCC +
2OUT
2IN –
2IN +
CAP–
GND
CAP+
FB/SD
CIN
R2
R1
COUT
C1
Shutdown
R3
R4
Where: SCREF = 2.5 V Nominal
1N4933
+
R2
+ R1
| SCOUT |
SCREF
2
* 40 mV
) 1
Figure 58. Voltage Inverter With Regulated Output
The reference voltage, though being used as part of the regulation circuitry, is still available for other uses if total
current drawn from it is limited to under 60
µA. The shutdown feature also remains available, though a restart
pulse may be necessary to start the switched-capacitor if the voltage on COUT is not fully discharged. This
restart pulse is isolated from the feedback loop using a blocking diode in the regulation section.
The circuit designer should be aware that the TLE2662 amplifier and switched-capacitor sections are tested
and specified separately. Performance may differ from that shown in the typical characteristics section when
used together. This is evident, for example, in the dependence of VICR– and VOL on VCC–. The impact of
supplying the amplifier negative rail using the switched-capacitor block in each design should be considered
and carefully evaluated.
The more esoteric features of the switched-capacitor building block, including external synchronization of the
internal oscillator and power dissipation considerations, are covered in detail in the following section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com