Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 19Page - ams-OSRAM AG CMV2000 Datasheet HTML 20Page - ams-OSRAM AG CMV2000 Datasheet HTML 21Page - ams-OSRAM AG CMV2000 Datasheet HTML 22Page - ams-OSRAM AG CMV2000 Datasheet HTML 23Page - ams-OSRAM AG CMV2000 Datasheet HTML 24Page - ams-OSRAM AG CMV2000 Datasheet HTML 25Page - ams-OSRAM AG CMV2000 Datasheet HTML 26Page - ams-OSRAM AG CMV2000 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
23 / 87
/
7.1.6
Temperature sensor
A 16-bit digital temperature sensor is included in the image sensor and can be controlled by
the SPI-interface. The on-chip temperature can be obtained by reading out the registers with
address 126 and 127 (in burst mode, see chapter 7.2.8.2 for more details on this mode).
A calibration of the temperature sensor is needed for absolute temperature measurements per
device because the offset differs from device to device. The temperature sensor requires a
running input clock (CLK_IN), the other functions of the image sensor can be operational or in
standby mode. The output value of the sensor is dependent on the input clock. A typical
temperature sensor output vs. temperature curve at 40 MHz can be found in Figure 13. The
die temperature will be about 10 °C~15 °C higher than ambient temperature. The ceramic
package has about the same temperature as the die.
The typical (offset) value of the temperature sensor at 0 °C would be: 1000* (f [MHz])/40 DN.
This offset can differ per device. A typical slope would be around 0.3*40/f[MHz] °C/DN.
Figure 13: Typical output of the temperature sensor of the CMV2000
0
200
400
600
800
1000
1200
1400
-40
-20
0
20
40
60
80
Temperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com