Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 23Page - ams-OSRAM AG CMV2000 Datasheet HTML 24Page - ams-OSRAM AG CMV2000 Datasheet HTML 25Page - ams-OSRAM AG CMV2000 Datasheet HTML 26Page - ams-OSRAM AG CMV2000 Datasheet HTML 27Page - ams-OSRAM AG CMV2000 Datasheet HTML 28Page - ams-OSRAM AG CMV2000 Datasheet HTML 29Page - ams-OSRAM AG CMV2000 Datasheet HTML 30Page - ams-OSRAM AG CMV2000 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
27 / 87
/
7.2.4
Input clock
The high-speed LVDS input clock (LVDS_CLK_N/P) defines the output data rate of the
CMV2000. The master clock (CLK_IN) must be 10 or 12 times slower depending on the
programmed bit mode setting. The maximum data rate of the output is 480 Mbps which results
in a LVDS_CLK_N/P of 480 MHz and a CLK_IN of 48 MHz in 10-bit mode and 40 MHz in 12-
bit mode. The minimum frequencies are 5 MHz for CLK_IN and 50MHz for LVDS_CLK_N/P.
Any frequency between the minimum and maximum can be applied by the user and will result
in a corresponding output data rate, like showed in Table 6.
Table 6: Output data rate depending on the CLK_IN and bit mode
CLK_IN
LVDS_CLK 10-bit
LVDS_CLK 12-bit
5 MHz
50 MHz
60 MHz
40 MHz
400 MHz
480 MHz
48 MHz
480 MHz
N/A
The rising edge LVDS input clock can have a limited delay with respect to the rising edge of
the master input clock, depending on clock speed. In Figure 15, the skew limits are shown for
different clock speeds and for an LVDS clock that rises before and after the master input clock.
To assure proper working of the sensor, the skew of the LVDS clock should always fall within
these limits, shown as the green area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com