| Electronic Components Datasheet Search |
|
CMV2000 Datasheet(PDF) 35 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Datasheet(HTML) 35 Page - ams-OSRAM AG |
|
35 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 35 / 87 / 7.2.9 Requesting a frame After starting up the sensor (see chapter 7.2.6), a number of frames can be requested by sending a FRAME_REQ pulse. The number of frames can be set by programming the appropriate register (addresses 70 and 71). The default number of frames to be grabbed is 1. In internal-exposure-time mode, the exposure time will start after this FRAME_REQ pulse. In the external-exposure-time mode, the read-out will start after the FRAME_REQ pulse. Both modes are explained into detail in the chapters below. 7.2.9.1 Internal exposure control In this mode, the exposure time is set by programming the appropriate registers (address 42- 44). After the high state of the FRAME_REQ pulse is detected, the exposure time will start after a delay of 133 clock cycles, see AN16 – Exposure timings for all timing details. When the exposure time ends (as programmed in the registers), the pixels are being sampled and prepared for read-out. This sequence is called the frame overhead time (FOT). Immediately after the FOT, the frame is read-out automatically. If more than one frame is requested, the exposure of the next frame starts already during the read-out of the previous one (see Figure 24). Figure 24: Request for 2 frames in internal- exposure-time mode Figure 25: Two requests for 1 frame in internal exposure mode(1) (1) This is This request form is just applicable to Version 3. FRAME_REQ Exposure time Frame1_cycle FOT Read-out time Exposure time Frame2_cycle FOT Read-out time FRAME_REQ Exposure time Frame1_cycle FOT Read-out time Exposure time Frame2_cycle FOT Read-out time |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |